Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6002 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6002
Description  Monolithic Flyback/Forward DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6002 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6002 Datasheet HTML 1Page - Monolithic Power Systems MP6002 Datasheet HTML 2Page - Monolithic Power Systems MP6002 Datasheet HTML 3Page - Monolithic Power Systems MP6002 Datasheet HTML 4Page - Monolithic Power Systems MP6002 Datasheet HTML 5Page - Monolithic Power Systems MP6002 Datasheet HTML 6Page - Monolithic Power Systems MP6002 Datasheet HTML 7Page - Monolithic Power Systems MP6002 Datasheet HTML 8Page - Monolithic Power Systems MP6002 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP6002
Monolithic Flyback/Forward
DC-DC Converter
MP6002 Rev. 1.0
www.MonolithicPower.com
1
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6002 is a monolithic Flyback/Forward
DC-DC converter which includes a 150V power
switch and is capable of delivering up to 30W
output power. It can also be used for boost and
SEPIC applications.
The MP6002 uses the fixed-frequency peak
current mode primary controller architecture. It
has an internal soft-start, auto-retry, and
incorporates over current, short circuit, and
over-voltage protection. The MP6002 can also
skip cycles to maintain zero load regulation.
It has a direct optocoupler interface which
bypasses the internal error amplifier when an
isolated output is desired.
The MP6002 is ideal for telecom applications,
and is available in a compact, thermally
enhanced SO8 package with an exposed pad.
FEATURES
 Integrated 0.45Ω 150V Power Switch
 Cycle-by-Cycle Current Limiting
 Programmable Switching Frequency
 Duty Cycle Limiting with Line Feed Forward
 Integrated 100V Startup Circuit
 Internal Slope Compensation
 Disable Function
 Built-in Soft-Start
 Line Under Voltage Lockout
 Line Over Voltage Protection
 Auto-Restart for Opened/Shorted Output
 Zero Load Regulation
 Thermal Shutdown
APPLICATIONS
 Telecom Equipment
 VoIP Phones, Power over Ethernet (PoE)
 Distributed Power Conversion
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP6002
LINE
COMP
FB
VCC
8
5
1
7
2
4
3
6
SW
RT
GND
VIN
C2
470
μ F
R6
30.1k
Ω
D2
B330A
D1
1N4148
R3
C3
10nF
TL431
PC357
R5
10k
Ω
R2
9.76k
Ω
R1
249k
Ω
C4
10
μ F
C1
2.2
μ F x 2
+VIN
36V~72V
-VIN
VOUT
5V @ 3A
R9
475k
Ω
R8
1M
Ω
R10
20.5k
Ω
R4
1 k
Ω
R7
402
Ω
5.6k
Ω
LOAD CURRENT (A)
Efficiency vs Load Current
0
0.5
1
1.5
2
2.5
3
3.5


Similar Part No. - MP6002

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6002DN MPS-MP6002DN Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results

Similar Description - MP6002

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
MP6001 MPS-MP6001 Datasheet
522Kb / 13P
Monolithic Flyback/Forward dd-DC Converter
logo
Power Integrations, Inc...
DI-29 POWERINT-DI-29 Datasheet
66Kb / 2P
25 W Flyback DC-DC Converter
DI-51 POWERINT-DI-51 Datasheet
54Kb / 2P
5 W Flyback DC-DC Converter
DPA424PN POWERINT-DPA424PN Datasheet
1Mb / 20P
DC-DC Forward Converter Design Guide
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
Monolithic Flyback/SEPIC DC-DC Converter
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com