Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6505DM Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6505DM
Description  4.5V-to-16V,400mA, Single-Phase Brushless-DC.Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6505DM Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6505DM Datasheet HTML 1Page - Monolithic Power Systems MP6505DM Datasheet HTML 2Page - Monolithic Power Systems MP6505DM Datasheet HTML 3Page - Monolithic Power Systems MP6505DM Datasheet HTML 4Page - Monolithic Power Systems MP6505DM Datasheet HTML 5Page - Monolithic Power Systems MP6505DM Datasheet HTML 6Page - Monolithic Power Systems MP6505DM Datasheet HTML 7Page - Monolithic Power Systems MP6505DM Datasheet HTML 8Page - Monolithic Power Systems MP6505DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP6505-SINGLE-PHASE, BRUSHLESS-DC–MOTOR DRIVER
MP6505 Rev.1.0
www.MonolithicPower.com
3
3/14/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERICS
TA=25°C, VCC=12V, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Circuit Current in Locked-Rotor
Protection Mode
ICC
VCC=20V
1.0
1.4
2
mA
Reference Voltage
VREF
IVREF=5mA
5.6
5.9
6.2
V
HB Voltage
VHB
IHB=5mA
1.1
1.15
1.2
V
COSC HIGH Voltage
VCOSC H
3.45
3.6
3.75
V
COSC LOW Voltage
VCOSC L
1.8
1.95
2.1
V
COSC Oscillator Frequency
fCOSC
CP=100pF
26.4
31
35.6
kHz
CT Pin HIGH Voltage
VCTH
3.4
3.63
3.86
V
CT Pin LOW Voltage
VCTL
1.63
1.73
1.83
V
ICT Charge Current
ICT1
1.1
1.95
2.85
μA
ICT Discharge Current
ICT2
0.08
0.16
0.25
μA
ICT Charge/Discharge Ratio
rCT
7
12
18
High-Side Switch-On Resistance
RDS1
VCC=12V TA=25°C
370
420
mΩ
Low-Side Switch-On Resistance
RDS2
VCC=12V TA=25°C
230
260
mΩ
Current Limit Gain
GC
9
A/V
Current Limit
IPEAK
IN+ – IN- =±50mV
0.45
0.8
A
IN+ – IN- =±100mV
0.9
1.3
Under-Voltage Lockout Threshold—
Rising
3.57
3.75
3.93
V
Under-Voltage Lockout Threshold—
Hysteresis
190
mV
RD/FG Output Pin Low-Level
Voltage
VRDL/FGL
IRD/FG=5mA
0.35
V
RD/FG Output Pin Leakage Current
VRDL/FGL
VRD/FG=12V
0.1
1
μA
OVP Threshold Rising
19
20
21
V
OVP Threshold Hysteresis
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com