Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6505DM Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6505DM
Description  4.5V-to-16V,400mA, Single-Phase Brushless-DC.Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6505DM Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6505DM Datasheet HTML 1Page - Monolithic Power Systems MP6505DM Datasheet HTML 2Page - Monolithic Power Systems MP6505DM Datasheet HTML 3Page - Monolithic Power Systems MP6505DM Datasheet HTML 4Page - Monolithic Power Systems MP6505DM Datasheet HTML 5Page - Monolithic Power Systems MP6505DM Datasheet HTML 6Page - Monolithic Power Systems MP6505DM Datasheet HTML 7Page - Monolithic Power Systems MP6505DM Datasheet HTML 8Page - Monolithic Power Systems MP6505DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP6505-SINGLE-PHASE, BRUSHLESS-DC–MOTOR DRIVER
MP6505 Rev.1.0
www.MonolithicPower.com
4
3/14/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
(TSSOP16)
Pin #
(QFN16)
Name
Description
1,16
13,15
P-GND
Power Ground.
2
16
OUT1
Motor Driver Output 1.
3
14
VCC
Power Supply.
4
1
RMI
Minimum Rotational Speed Set.
5
2
VTH
Rotational Speed Control. Use DC voltage or PWM signal.
6
3
COSC
Oscillator Setting. Connect this pin to an external capacitor to set the
switch frequency.
7
4
FG
Rotational Speed Detector. Connect to an external power source through
a pull-up resistor.
8
5
RD
Locked-Rotor Protection Detector. Connect to an external power source
through a pull-up resistor.
9
6
IN+
Hall Sensor Input+. For rotor position detection and current limit setting.
10
7
HB
Hall Sensor Bias Regulator Output. Powers the external Hall sensor.
11
8
IN-
Hall Sensor Input-. For rotor position detection and current limit setting.
12
9
VREF
Reference Voltage Output.
13
10
CT
Locked-Rotor Protection and Recovery Time Set. Connect to an external
capacitor to set the recovery time.
14
11
S-GND
Ground for Control Circuit.
15
12
OUT2
Motor Driver Output 2.
Exposed
Pad
NC
Not Connected. Connect exposed thermal pad to power ground for better
thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com