Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6505DM Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6505DM
Description  4.5V-to-16V,400mA, Single-Phase Brushless-DC.Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6505DM Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6505DM Datasheet HTML 1Page - Monolithic Power Systems MP6505DM Datasheet HTML 2Page - Monolithic Power Systems MP6505DM Datasheet HTML 3Page - Monolithic Power Systems MP6505DM Datasheet HTML 4Page - Monolithic Power Systems MP6505DM Datasheet HTML 5Page - Monolithic Power Systems MP6505DM Datasheet HTML 6Page - Monolithic Power Systems MP6505DM Datasheet HTML 7Page - Monolithic Power Systems MP6505DM Datasheet HTML 8Page - Monolithic Power Systems MP6505DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP6505-SINGLE-PHASE, BRUSHLESS-DC–MOTOR DRIVER
MP6505 Rev.1.0
www.MonolithicPower.com
5
3/14/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN=12V, fCOSC=30kHz
ICC vs. Temperature
VCC Breakdown Voltage vs.
Temperature
VHB vs. Temperature
VREF vs. Temperature
Frequency vs.
Temperature
-40 -20 0 20 40 60 80 100 120140
-40 -20 0 20 40 60 80 100120 140
-40 -20 0 20 40 60 80 100120140
1.13
1.134
1.138
1.142
1.146
1.150
1.154
1.158
1.162
1.166
1.17
-40 -20 0 20 40 60 80 100 120140
5.800
5.825
5.850
5.875
5.900
5.925
5.950
5.975
6.000
-40 -20 0 20 40 60 80 100 120 140
UVLO vs. Temperature
3.70
3.71
3.72
3.73
3.74
3.75
-40 -20 0 20 40 60 80 100 120 140
1.40
1.45
1.50
1.55
1.60
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
26.0
29.0
29.5
30.0
30.5
31.0
31.5
32.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com