Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6505DM Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6505DM
Description  4.5V-to-16V,400mA, Single-Phase Brushless-DC.Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6505DM Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6505DM Datasheet HTML 1Page - Monolithic Power Systems MP6505DM Datasheet HTML 2Page - Monolithic Power Systems MP6505DM Datasheet HTML 3Page - Monolithic Power Systems MP6505DM Datasheet HTML 4Page - Monolithic Power Systems MP6505DM Datasheet HTML 5Page - Monolithic Power Systems MP6505DM Datasheet HTML 6Page - Monolithic Power Systems MP6505DM Datasheet HTML 7Page - Monolithic Power Systems MP6505DM Datasheet HTML 8Page - Monolithic Power Systems MP6505DM Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP6505
4.5V-to-16V,400mA, Single-Phase
Brushless-DC–Motor Driver
MP6505 Rev.1.0
www.MonolithicPower.com
1
3/14/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6505 is a single-phase brushless-DC–
motor driver, with an input voltage range of 4.5V
to 16V and a maximum output current of 400mA.
The MP6505 controls the rotational speed
through either the input voltage or the PWM
signal.
Other
features
include
minimum-
rotational–speed set, a rotational speed indicator,
built-in input over-voltage protection, built-in
locked-rotor
protection,
locked-rotor–state
indicator,
thermal
shutdown,
and
a
1.2V
integrated Hall bias voltage.
The MP6505 is available in 5.0mm×6.4mm
TSSOP16 and 3mm×3mm QFN16 package.
FEATURES
 Operating Voltage of 4.5V to 16V
 Integrated Power MOSFETs (HS: 370mΩ; LS:
230mΩ)
 Maximum Output Current 400mA
 Low Quiescent Current (Not including Hall
Sensor) of 1.4mA
 Speed Control by Input Voltage or PWM Signal
 Programmable Minimum Speed
 Rotational-Speed Indicator
 Locked-Rotor Indicator
 Locked-Rotor Protection and Automatic
Recovery
 Thermal Protection and Automatic Recovery
 Built-In Input OVP and Automatic Recovery
 Hall Bias Voltage(1.2V) Integrated
 Available in TSSOP16 (5.0×6.4mm) and QFN16
(3×3mm) Package
APPLICATIONS
 CPU Fan for Personal Computers or Servers
 Brushless DC Motor Driver
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP6505DM

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MP650 MEANWELL-MP650 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
Monolithic Power System...
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GF MPS-MP6500GF Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GU MPS-MP6500GU Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GU MPS-MP6500GU Datasheet
402Kb / 5P
2.5A, 35V, Bipolar Stepper Motor Driver Evaluation Board
7/16/2020 Rev. 1.1
More results

Similar Description - MP6505DM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
Single-phase DC Brushless Motor Driver IC
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
Single-phase DC Brushless Motor Driver IC
logo
Monolithic Power System...
MP6510 MPS-MP6510 Datasheet
511Kb / 11P
4.5V-to-16V,1.2A, Single-Phase Brushless DC Motor Driver
logo
Maxim Integrated Produc...
MAX20745EVKIT MAXIM-MAX20745EVKIT Datasheet
798Kb / 10P
4.5V to 16V power supply
Rev 0; 10/15
MAX20743EVKIT MAXIM-MAX20743EVKIT Datasheet
888Kb / 10P
4.5V to 16V power supply
Rev 0; 7/16
MAX20735EVKIT MAXIM-MAX20735EVKIT Datasheet
826Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20734EVKIT MAXIM-MAX20734EVKIT Datasheet
877Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20733EVKIT MAXIM-MAX20733EVKIT Datasheet
854Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20730EVKIT MAXIM-MAX20730EVKIT Datasheet
820Kb / 10P
4.5V to 16V power supply
Rev 0; 10/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com