Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7748 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP7748
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP7748 Datasheet HTML 1Page - Monolithic Power Systems MP7748 Datasheet HTML 2Page - Monolithic Power Systems MP7748 Datasheet HTML 3Page - Monolithic Power Systems MP7748 Datasheet HTML 4Page - Monolithic Power Systems MP7748 Datasheet HTML 5Page - Monolithic Power Systems MP7748 Datasheet HTML 6Page - Monolithic Power Systems MP7748 Datasheet HTML 7Page - Monolithic Power Systems MP7748 Datasheet HTML 8Page - Monolithic Power Systems MP7748 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP7748 – 2X20W STEREO SINGLE ENDED CLASS D AUDIO AMPLIFIER
MP7748 Rev. 1.0
www.MonolithicPower.com
2
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP7748DF
TSSOP28F
MP7748DF
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP7748DF–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP7748DF–LF–Z)
PACKAGE REFERENCE
N/C
IN2
PGND2
TIMER1
PGND2
AGND1
SW2
26
25
24
23
EXPOSED PAD
ON BACKSIDE
VDD1
28
27
9
10
7
8
IN1
REF1
EN1
REF2
UVP1
TIMER2
TOP VIEW
20
19
22
21
3
4
5
6
1
2
BST2
VDD2
VDD2
SW2
16
15
18
17
13
14
11
12
UVP2
N/C
EN2
AGND2
PGND1
SW1
PGND1
SW1
BST1
VDD1
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VDD ...................................... 40V
BS Voltage..................VSW – 0.3V to VSW + 6.5V
Enable Voltage VEN.........................-0.3V to +6V
VUVP, VSW, VPIN, VNIN ...................-1V to VDD + 1V
AGND to PGND ...........................-0.3V to +0.3V
Continuous Power Dissipation (TA = +25°C)
(2)
………………………………………………....3.9W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VDD ..........................9.5V to 36V
Maximum Junction Temp. (TJ) ............... +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP28F..............................32 ....... 6 ........
°C
Notes:
1)
Exceeding these ratings may damage the device.
2)
The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) =
(TJ(MAX)-TA)/ θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3)
The device is not guaranteed to function outside of its
operating conditions.
4)
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com