Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7748 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7748
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7748 Datasheet HTML 1Page - Monolithic Power Systems MP7748 Datasheet HTML 2Page - Monolithic Power Systems MP7748 Datasheet HTML 3Page - Monolithic Power Systems MP7748 Datasheet HTML 4Page - Monolithic Power Systems MP7748 Datasheet HTML 5Page - Monolithic Power Systems MP7748 Datasheet HTML 6Page - Monolithic Power Systems MP7748 Datasheet HTML 7Page - Monolithic Power Systems MP7748 Datasheet HTML 8Page - Monolithic Power Systems MP7748 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP7748
2x20W Stereo Single Ended
Class D Audio Amplifier
MP7748 Rev. 1.0
www.MonolithicPower.com
1
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP7748 is a Class D Audio Amplifier for
driving
stereo
speakers
in
single-ended
configuration or a mono speaker in bridge-tied-
load configuration. It is fully integrated audio
amplifier which dramatically reduces solution
size by integrating the following:
•
250mΩ power MOSFETs
•
Startup / Shutdown pop elimination
•
Short circuit protection circuits
The MP7748 is capable of delivering 20W per
channel into 4Ω speaker in single-ended output
structure, or delivering 50W into 6Ω speaker in
bridge-tied-load output structure under 24V
VDD. MPS Class D Audio Amplifiers exhibit the
high fidelity of a Class A/B amplifier at high
efficiencies. The circuit is based on the MPS’
proprietary variable frequency topology that
delivers excellent linearity, fast response time
and operates on a single power supply.
MP7748
features
programmable
VDD
shutdown
voltage
for
each
channel
by
controlling the UVP node voltage. The default
VDD shutdown (rising threshold) voltage is 8.4V
if the UVP pin is NC.
FEATURES
•
Output Power at 24V VDD and 10%
THD+N
• Stereo SE configuration: 20W per channel
into 4Ω load
• Mono BTL configuration: 50W into 6Ω
load
•
THD+N = 0.02% at 1W, 8Ω(SE)
•
Low Noise (103µV with SE configuration,
140µV with BTL configuration)
•
Switching Frequency Up to 1MHz
•
9.5V to 36V Operation from a Single
Supply
•
Integrated Startup and Shutdown Pop
Elimination Circuit
•
Programmable UVP
•
Thermal and Short Circuit Protection
•
Integrated Power FETs
•
Available in TSSOP28-Exposed Package
APPLICATIONS
•
Portable Docking Stations
•
Surround Sound DVD Systems
•
Televisions
•
Flat Panel Monitors
•
Multimedia Computers
•
Home Stereo Systems
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
AAM (Analog Adaptive Modulation) is a Trademark of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION
THD+N vs. POUT
VDD=24V, Freq=1kHz
0.01
20
0.02
0.05
0.1
0.2
0.5
10
5
2
1
60m
35
100m
1
10
POUT (W)


Similar Part No. - MP7748

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7748S MPS-MP7748S Datasheet
1Mb / 23P
2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
MP7748SGF MPS-MP7748SGF Datasheet
1Mb / 23P
2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
More results

Similar Description - MP7748

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV0030 MPS-EV0030 Datasheet
519Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier
EV0066 MPS-EV0066 Datasheet
281Kb / 6P
Mini 20W Stereo Class D Single Ended Audio Amplifier
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
20W Stereo Class D Single Ended Audio Amplifier
MP7751 MPS-MP7751 Datasheet
903Kb / 19P
26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
EV7740DN-01B MPS-EV7740DN-01B Datasheet
279Kb / 5P
15W Stereo Class D Single Ended Audio Amplifier
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7745DF-01A MPS-EV7745DF-01A Datasheet
284Kb / 6P
20W Stereo Class D Single Ended Audio Amplifier EV Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7751-F-00A MPS-EV7751-F-00A Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
logo
Elite Semiconductor Mem...
AD52060 ESMT-AD52060 Datasheet
704Kb / 23P
2x20W Stereo Class-D Audio Amplifier with Power Limit
Revision: 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com