Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7748 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP7748
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP7748 Datasheet HTML 9Page - Monolithic Power Systems MP7748 Datasheet HTML 10Page - Monolithic Power Systems MP7748 Datasheet HTML 11Page - Monolithic Power Systems MP7748 Datasheet HTML 12Page - Monolithic Power Systems MP7748 Datasheet HTML 13Page - Monolithic Power Systems MP7748 Datasheet HTML 14Page - Monolithic Power Systems MP7748 Datasheet HTML 15Page - Monolithic Power Systems MP7748 Datasheet HTML 16Page - Monolithic Power Systems MP7748 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP7748 – 2X20W STEREO SINGLE ENDED CLASS D AUDIO AMPLIFIER
MP7748 Rev. 1.0
www.MonolithicPower.com
13
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Component Selection
The MP7748 uses a minimum number of external
components to complete a stereo SE or mono
BTL Class D audio amplifier. The circuit of Figure
3 (stereo SE application circuit) and figure 4
(mono BLT application circuit) are optimized for a
24V power supply. This circuit should be suitable
for most applications, and use the following
sections to determine how to customize the
amplifier for a particular application.
Setting the Voltage Gain
The maximum output voltage swing is limited by
the power supply. To achieve the maximum
power out of the MP7748 amplifier, set the gain
such that the maximum input signal results in the
maximum output voltage swing.
For single-ended (SE) output configuration, the
maximum output voltage VOUT(PK) is VDD/2. For
bridge-tied-load (BTL) output configuration, the
maximum output voltage VOUT(PK) is VDD. For a
given input signal voltage, where VIN(PK) is the
peak input voltage, the maximum voltage gain is:
)
PK
(
IN
)
PK
(
OUT
V
V
V
)
MAX
(
A
=
This voltage gain setting results in the peak
output voltage approaching it’s maximum for the
maximum input signal. In some cases the
amplifier is allowed to overdrive slightly, allowing
the THD to increase at high power levels, and so
a higher gain than AV (max) is required.
Setting the Switching Frequency
The idle switching frequency (the switching
frequency when no audio input is present) is a
function of several variables: the supply voltage
VDD, the integral capacitor CINT and the feedback
resistor RFB. Lower switching frequency results in
more inductor ripple, causing more quiescent
output voltage ripple and increasing the output
noise
and
distortion.
Higher
switching
frequencies result in more power loss. The
optimum
quiescent
switching
frequency
is
approximately 600kHz. When used to drive
stereo speakers in single-ended configuration, it
is recommended to set right channel idle
switching frequency larger than left channel’s
with 50k Hz difference by using different timing
capacitor CINT. For detailed please refer to the
table 1 for recommended SE output configuration
design, and table 2 for recommended BTL output
configuration design.
Table 1—Switching Frequency Setting For SE
Output Configuration
VDD
(V)
Gain
(V/V)
RFB
(kΩ)
RIN
(kΩ)
Left
channel
Right
channel
CINT1
(nF)
FSW1
(kHz)
CINT2
(nF)
FSW2
(kHz)
12
5.6
56
10
4.7
560
3.3
700
12
8.2
39
4.7
5.6
620
4.7
700
12 12.0 56.4
4.7
4.7
530
3.3
670
12 17.6 56.4
3.2
4.7
530
3.3
670
12 25.5 56.4
2.2
4.7
530
3.3
670
12
30
60
2
4.7
520
3.3
650
24
5.6
56
10
10
540
8.2
650
24
8.2
82
10
5.6
610
4.7
690
24 12.0 120
10
4.7
530
3.3
660
24 17.4
82
4.7
5.6
610
4.7
690
24 25.5 120
4.7
4.7
530
3.3
660
24
30
120
4
4.7
530
3.3
660
Table 2 - Switching Frequency Setting For
BTL Output Configuration
VDD
(V)
Gain
(V/V)
RFB
(kΩ)
RIN
(kΩ)
CINT1
(nF)
FSW1
(kHz)
12
10
100
10
3.9
400
12
20
100
5
3.3
400
12
30
121
4.02
2.7
400
24
10
100
10
3.9
580
24
20
121
6.04
3.9
480
24
30
121
4.02
3.9
480
32
10
100
10
4.7
580
32
20
121
6.04
3.9
560
32
30
162
5.36
3.3
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com