Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7748 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP7748
Description  2x20W Stereo Single Ended Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP7748 Datasheet HTML 7Page - Monolithic Power Systems MP7748 Datasheet HTML 8Page - Monolithic Power Systems MP7748 Datasheet HTML 9Page - Monolithic Power Systems MP7748 Datasheet HTML 10Page - Monolithic Power Systems MP7748 Datasheet HTML 11Page - Monolithic Power Systems MP7748 Datasheet HTML 12Page - Monolithic Power Systems MP7748 Datasheet HTML 13Page - Monolithic Power Systems MP7748 Datasheet HTML 14Page - Monolithic Power Systems MP7748 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP7748 – 2X20W STEREO SINGLE ENDED CLASS D AUDIO AMPLIFIER
MP7748 Rev. 1.0
www.MonolithicPower.com
11
1/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
The MP7748 is a Class D Audio Amplifier for
driving
stereo
speakers
in
single-ended
configuration or a mono speaker in bridge-tied-
load configuration. It uses the Monolithic Power
Systems
patented
Analog
Adaptive
ModulationTM to convert the audio input signal
into pulses. These pulses drive an internal high-
current output stage and, when filtered through
an external inductor-capacitor filter, reproduce
the input signal across the load. Because of the
switching
Class
D
output
stage,
power
dissipation in the amplifier is drastically reduced
when compared to Class A, B or A/B amplifiers
while
maintaining
high
fidelity
and
low
distortion.
REF1/2 are the positive inputs of the two
amplifiers. They are set to half the DC power
supply input voltage (VDD/2) by the internal
circuit. The input capacitor CIN couple the AC
signal at the input.
The amplifier voltage gain is set by the
combination of the input resister RIN1/2 and the
feedback resistor RFB1/2 and is calculated by the
equation:
IN
FB
R
R
AV
−
=
The
MP7748
includes
four
high-power
MOSFETs wherein for each channel the output
driver stage uses two 250mΩ N-channel
MOSFETs to deliver the pulses to the LC output
filter which in turn drives the load. To fully
enhance the high-side MOSFET, the gate is
driven to a voltage higher than the source by
the bootstrap capacitor between SW and BS.
While the output is driven low, the bootstrap
capacitor is charged from VDD through an
internal circuit on the MP7748. The gate of the
high-side MOSFET is driven high from the
voltage at BS, forcing the MOSFET gate to a
voltage higher than VDD and allowing the
MOSFET to fully turn on, reducing power loss in
the amplifier.
Pop Elimination
The MP7748 integrates a source current
function to charge the AC coupling capacitor
COUT1/2 for the SE output configuration and CIN1/2
at the start up moment. The start up source
current slew rate is adjustable by selecting
different
capacitance
of
timer
capacitor
CTIMER1/2. The larger the capacitance of the timer
capacitor is, the smaller the start up current
slew rate is. The recommended 2.2µF timer
capacitor results in a start up current slew rate
of approximately 20mA/350ms which would
help to minimize the turn on pop.
After driving EN pin low, output SW will be set
to high impedance immediately which would
help to eliminate the turn off pop.
Short Circuit/Overload Protection
The MP7748 has internal overload and short
circuit protection. The currents in both the high-
side and low-side MOSFETs are measured and
if the current exceeds the 4.5A short circuit
current limit, both MOSFETs are turned off. The
MP7748 then restarts with the same power up
sequence that is used for normal starting to
prevent a pop from occurring after a short
circuit condition is removed.
Enable Function
The MP7748 EN input is an active high enable
control. To enable the MP7748, drive EN with a
2.0V or higher voltage. To disable the amplifier,
drive it below 0.4V. While the MP7748 is
disabled, the VDD operating current is less than
140µA and the output driver MOSFETs are
turned off.
Programmable UVP
MP7748 integrate programmable UVP function,
which can be used to shutdown the MP7748 to
escape the pop, by controlling the UVP node
voltage. The corresponding circuit is shown in
the followed figure 2. If the UVP pin is NC, the
default VDD shutdown voltage (rising threshold)
is 8.4V since there is internal voltage divided
circuit. The VDD shutdown voltage can be
flexibly adjusted by controlling UVP pin voltage
The recommended VDD shutdown voltage is
from 9.5V to power supply. As shown in the
figure 2, if external resistor RH and RL is low
enough (e.g. RH, RL < 50kΩ) compared with
internal 500kΩ and 550kΩ resistor, the VDD
shutdown voltage (rising threshold) can be
calculated by the equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com