Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8642 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8642
Description  Dual 3A, 23V, 600kHz Step-Down Converter with Frequency Synchronization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8642 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8642 Datasheet HTML 1Page - Monolithic Power Systems MP8642 Datasheet HTML 2Page - Monolithic Power Systems MP8642 Datasheet HTML 3Page - Monolithic Power Systems MP8642 Datasheet HTML 4Page - Monolithic Power Systems MP8642 Datasheet HTML 5Page - Monolithic Power Systems MP8642 Datasheet HTML 6Page - Monolithic Power Systems MP8642 Datasheet HTML 7Page - Monolithic Power Systems MP8642 Datasheet HTML 8Page - Monolithic Power Systems MP8642 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP8642 — DUAL 3A, 23V, 600kHz STEP-DOWN CONVERTER
MP8642 Rev. 1.0
www.MonolithicPower.com
4
9/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2, 3, 4
SW1
Switch Output Channel 1
5
BST1
Bootstrap Channel 1. This capacitor is needed to drive the power switch’s gate above the
supply voltage. It is connected between SW1 and BST1pins to form a floating supply
across the power switch driver.
6
VCC1
BG Driver Bias Supply Channel 1. Decouple with a 1µF ceramic capacitor.
7
BG1
Gate Driver Output Channel 1. Connect this pin to the synchronous MOSFET Gate
8
GND1
Ground Channel 1.
9
EN/SYNC1 On/Off Control and External Frequency Synchronization Input Channel 1.
10
PG1
Power Good Indicator Channel 1. Connect this pin to VCC or VOUT by a 100kΩ pull-up
resistor. The output of this pin is low if the output voltage is 10% less than the nominal
voltage, otherwise it is an open drain.
11
FB1
Feedback Channel 1. An external resistor divider from the output1 to GND1, tapped to the
FB1 pin sets the output voltage. To prevent current limit run away during a short circuit
fault condition the frequency foldback comparator lowers the oscillator frequency when
the FB voltage is below 250mV.
12, 13
GND2
Ground Channel 2.
14
BG2
Gate Driver Output Channel 2. Connect this pin to the synchronous MOSFET Gate
15
VCC2
G Driver Bias Supply Channel 2. Decouple with a 1µF ceramic capacitor.
16
BST2
Bootstrap channel 2. This capacitor is needed to drive the power switch’s gate above the
supply voltage. It is connected between SW2 and BST2 pins to form a floating supply
across the power switch driver.
17
FB2
Feedback Channel 2. An external resistor divider from the output2 to GND2, tapped to the
FB2 pin sets the output voltage. To prevent current limit run away during a short circuit
fault condition the frequency foldback comparator lowers the oscillator frequency when
the FB voltage is below 250mV.
18
PG2
Power Good Indicator Channel 2. Connect this pin to VCC or VOUT by a 100kΩ pull-up
resistor. The output of this pin is low if the output voltage is 10% less than the nominal
voltage, otherwise it is an open drain.
19
EN/SYNC2 On/Off Control and External Frequency Synchronization Input Channel 2.
20, 28,
32
N/C
No Connect
21, 22,
23, 24
IN2
Supply Voltage Channel 2. The MP8642 operates from a +4.5V to +23V unregulated
input.
25, 26,
27
SW2
Switch Output Channel 2
29, 30,
31
IN1
Supply Voltage Channel 1. The MP8642 operates from a +4.5V to +23V unregulated
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com