Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8642 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8642
Description  Dual 3A, 23V, 600kHz Step-Down Converter with Frequency Synchronization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8642 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8642 Datasheet HTML 1Page - Monolithic Power Systems MP8642 Datasheet HTML 2Page - Monolithic Power Systems MP8642 Datasheet HTML 3Page - Monolithic Power Systems MP8642 Datasheet HTML 4Page - Monolithic Power Systems MP8642 Datasheet HTML 5Page - Monolithic Power Systems MP8642 Datasheet HTML 6Page - Monolithic Power Systems MP8642 Datasheet HTML 7Page - Monolithic Power Systems MP8642 Datasheet HTML 8Page - Monolithic Power Systems MP8642 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP8642
Dual 3A, 23V, 600kHz Step-Down Converter
with Frequency Synchronization
MP8642 Rev. 1.0
www.MonolithicPower.com
1
9/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8642 is a dual monolithic step-down
switch mode converter with built-in internal
power MOSFETs. It achieves 3A continuous
output current for each output over a wide input
supply range with excellent load and line
regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP8642 requires a minimum number of
readily available standard external components.
FEATURES
 3A Current for Each Output
 80mΩ Internal Power MOSFET Switch
 Stable with Low ESR Output Ceramic
Capacitors
 Up to 95% Efficiency
 Power Good Indicator
 Fixed 600kHz Frequency
 Synchronizable to >1MHz External Clock
 Thermal Shutdown
 Cycle-by-Cycle Over Current Protection
 Wide 4.5V to 23V Operating Input Range
 Each Output Adjustable from 0.8V to 20V
 Available in a 5mm x 5mm 32-Pin QFN
Package
APPLICATIONS
 Point of Load Regulator in Distributed
Power Systems
 Digital Set Top Boxes
 Personal Video Recorders
 Broadband Communications
 Flat Panel Television and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8642
25,26,27
14
17
18
15
19
12,13
8
16
GND1 GND2
BST1
IN1
IN2
SW1
BG1
FB1
PG1
VCC1
EN/SYNC1
BST2
SW2
BG2
FB2
PG2
VCC2
EN/SYNC2
5
29,30,31
21,22,23,24
1,2,3,4
7
10
6
9
11
VOUT2
2.5V@3A
M3
VIN
VOUT1
OFF ON
M2
VCC
VCC
ON OFF


Similar Part No. - MP8642

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP86 ETC1-MP86 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Monolithic Power System...
MP8606 MPS-MP8606 Datasheet
1Mb / 17P
6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
MP8606DL MPS-MP8606DL Datasheet
1Mb / 17P
6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
MP8619 MPS-MP8619 Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
MP8619EQJ MPS-MP8619EQJ Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
More results

Similar Description - MP8642

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355_06 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP1583 MPS-MP1583 Datasheet
335Kb / 13P
3A, 23V, 385KHz Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
MP2362 MPS-MP2362 Datasheet
353Kb / 11P
Dual 2A, 23V, 380KHz Step-Down Converter with Frequency Synchronization
MP2377 MPS-MP2377 Datasheet
508Kb / 11P
3A, 21V, 600kHz Step-Down Converter
logo
Analog Intergrations Co...
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ2362-AEC1 MPS-MPQ2362-AEC1 Datasheet
1Mb / 15P
Dual 2A, 23V, 380kHz Step-Down Converter with Frequency Synchronization with AEC-Q100 Qualified
logo
Feeling Technology Corp...
FP6180 FEELING-FP6180 Datasheet
1Mb / 13P
3A, 23V, 380KHz Step-Down Converter
logo
Monolithic Power System...
MP1423 MPS-MP1423 Datasheet
323Kb / 11P
3A, 23V, 385KHz Step-Down Converter
1/6/2006 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com