Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8642 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8642
Description  Dual 3A, 23V, 600kHz Step-Down Converter with Frequency Synchronization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8642 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP8642 Datasheet HTML 3Page - Monolithic Power Systems MP8642 Datasheet HTML 4Page - Monolithic Power Systems MP8642 Datasheet HTML 5Page - Monolithic Power Systems MP8642 Datasheet HTML 6Page - Monolithic Power Systems MP8642 Datasheet HTML 7Page - Monolithic Power Systems MP8642 Datasheet HTML 8Page - Monolithic Power Systems MP8642 Datasheet HTML 9Page - Monolithic Power Systems MP8642 Datasheet HTML 10Page - Monolithic Power Systems MP8642 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP8642 — DUAL 3A, 23V, 600kHz STEP-DOWN CONVERTER
MP8642 Rev. 1.0
www.MonolithicPower.com
7
9/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
IN1/IN2
EN/SYNC1/
EN/SYNC2
FB1/FB2
REGULATOR
OSCILLATOR
600KHz
DRIVER
CURRENT SENSE
AMPLIFIER
x40
ERROR
AMPLIFIER
CURRENT
LIMIT
COMPARATOR
PWM
COMPARATOR
DRIVER
REGULATOR
REFERENCE
--
+
--
+
--
+
S
R
R
Q
Q
C1
50pF
C1
1pF
POWER
GOOD
VBG
VCC
VCC
VBG
Figure 1—Functional Block Diagram (Diagram Portrays ½ of the MP8642)
The MP8642 is a dual channel, fixed frequency,
synchronous, step-down switching regulator with
integrated high-side power MOSFETs and gate
drivers for a low-side external MOSFETs. It
achieves 3A continuous output current for each
output over a wide input supply range with
excellent load and line regulation in each
channel. It provides a single highly efficient
solution with current mode control for fast loop
response and easy compensation.
The MP8642 operates in a fixed frequency, peak
current control mode to regulate the output
voltage. On each channel, a PWM cycle is
initiated by the internal clock. The integrated
high-side power MOSFET is turned on and
remains on until its current reaches the value set
by the COMP voltage. When the power switch is
off, it remains off until the next clock cycle starts.
If, in 90% of one PWM period, the current in the
power MOSFET does not reach the COMP set
current value, the power MOSFET will be forced
to turn off.
Error Amplifier
The error amplifier compares the FB pin voltage
with the internal 0.8V reference (REF) and outputs
a current proportional to the difference between the
two. This output current is then used to charge or
discharge the internal compensation network to
form the COMP voltage, which is used to control
the power MOSFET current. The optimized
internal compensation network minimizes the
external component counts and simplifies the
control loop design.
Internal Regulator
Most of the internal circuitries are powered from
the 5V internal regulator. This regulator takes the
VIN input and operates in the full VIN range. When
VIN is greater than 5.0V, the output of the regulator
is in full regulation. When VIN is lower than 5.0V,
the output decreases. Since this internal regulator
provides the bias current for the bottom gate driver
that requires significant amount of current
depending upon the external MOSFET selection, a
1uF ceramic capacitor for decoupling purpose is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com