Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8642 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8642
Description  Dual 3A, 23V, 600kHz Step-Down Converter with Frequency Synchronization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8642 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8642 Datasheet HTML 4Page - Monolithic Power Systems MP8642 Datasheet HTML 5Page - Monolithic Power Systems MP8642 Datasheet HTML 6Page - Monolithic Power Systems MP8642 Datasheet HTML 7Page - Monolithic Power Systems MP8642 Datasheet HTML 8Page - Monolithic Power Systems MP8642 Datasheet HTML 9Page - Monolithic Power Systems MP8642 Datasheet HTML 10Page - Monolithic Power Systems MP8642 Datasheet HTML 11Page - Monolithic Power Systems MP8642 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP8642 — DUAL 3A, 23V, 600kHz STEP-DOWN CONVERTER
MP8642 Rev. 1.0
www.MonolithicPower.com
11
9/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Bottom Layer
Figure 3—PCB Layout
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of external BST diode are:
VOUT=5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, an external BST diode is
recommended from the output of the voltage
regulator to BST pin, as shown in Fig.4
MP8642
SW
BST
C
L
BST
C
5V or 3.3V
OUT
External BST Diode
IN4148
+
Figure 4—Add Optional External Bootstrap
Diode to Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST cap is 0.1~1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com