Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P030 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 3 Page - Microsemi Corporation

  A3P030 Datasheet HTML 1Page - Microsemi Corporation A3P030 Datasheet HTML 2Page - Microsemi Corporation A3P030 Datasheet HTML 3Page - Microsemi Corporation A3P030 Datasheet HTML 4Page - Microsemi Corporation A3P030 Datasheet HTML 5Page - Microsemi Corporation A3P030 Datasheet HTML 6Page - Microsemi Corporation A3P030 Datasheet HTML 7Page - Microsemi Corporation A3P030 Datasheet HTML 8Page - Microsemi Corporation A3P030 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
III
ProASIC3 Ordering Information
ProASIC3 Device Status
.
ProASIC3 Devices
Status
Cortex-M1 Devices
Status
A3P015
Not recommended for new designs.
A3P030
Production
A3P060
Production
A3P125
Production
A3P250
Production
M1A3P250
Production
A3P400
Production
M1A3P400
Production
A3P600
Production
M1A3P600
Production
A3P1000
Production
M1A3P1000
Production
Speed Grade
Blank = Standard
1 = 15% Faster than Standard
2 = 25% Faster than Standard
A3P1000
FG
_
Part Number
ProASIC3 Devices
1
Package Type
VQ = Very Thin Quad Flat Pack (0.5 mm pitch)
QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitches)
TQ = Thin Quad Flat Pack (0.5 mm pitch)
144
I
Y
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
Blank = Commercial (0°C to +70°C Ambient Temperature)
I = Industrial (
–40°C to +85°C Ambient Temperature)
Blank = Standard Packaging
G= RoHS-Compliant (Green) Packaging (some packages also halogen-free)
PP= Pre-Production
ES= Engineering Sample (Room Temperature Only)
30,000 System Gates
A3P030 =
15,000 System Gates (A3P015 is not recommended for new designs.)
A3P015 =
60,000 System Gates
A3P060 =
125,000 System Gates
A3P125 =
250,000 System Gates
A3P250 =
400,000 System Gates
A3P400 =
600,000 System Gates
A3P600 =
1,000,000 System Gates
A3P1000 =
ProASIC3 Devices with Cortex-M1
250,000 System Gates
M1A3P250 =
400,000 System Gates
M1A3P400 =
600,000 System Gates
M1A3P600 =
1,000,000 System Gates
M1A3P1000 =
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)
CS = Chip Scale Package (0.5 mm pitch)
Security Feature
Y = Device Includes License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio
Blank = Device Does Not Include License to Implement IP Based
on the Cryptography Research, Inc. (CRI) Patent Portfolio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com