Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P030 Datasheet(PDF) 69 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 69 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 65Page - Microsemi Corporation A3P030 Datasheet HTML 66Page - Microsemi Corporation A3P030 Datasheet HTML 67Page - Microsemi Corporation A3P030 Datasheet HTML 68Page - Microsemi Corporation A3P030 Datasheet HTML 69Page - Microsemi Corporation A3P030 Datasheet HTML 70Page - Microsemi Corporation A3P030 Datasheet HTML 71Page - Microsemi Corporation A3P030 Datasheet HTML 72Page - Microsemi Corporation A3P030 Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-55
Table 2-71 • 1.8 V LVCMOS Low Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.66
15.53
0.04 1.22
0.43
14.11
15.53
2.78 1.60
16.35
17.77
ns
–1
0.56
13.21
0.04 1.04
0.36
12.01
13.21
2.36 1.36
13.91
15.11
ns
–2
0.49
11.60
0.03 0.91
0.32
10.54
11.60
2.07 1.19
12.21
13.27
ns
4 mA
Std.
0.66
10.48
0.04 1.22
0.43
10.41
10.48
3.23 2.73
12.65
12.71
ns
–1
0.56
8.91
0.04 1.04
0.36
8.86
8.91
2.75 2.33
10.76
10.81
ns
–2
0.49
7.82
0.03 0.91
0.32
7.77
7.82
2.41 2.04
9.44
9.49
ns
6 mA
Std.
0.66
8.05
0.04 1.22
0.43
8.20
7.84
3.54 3.27
10.43
10.08
ns
–1
0.56
6.85
0.04 1.04
0.36
6.97
6.67
3.01 2.78
8.88
8.57
ns
–2
0.49
6.01
0.03 0.91
0.32
6.12
5.86
2.64 2.44
7.79
7.53
ns
8 mA
Std.
0.66
7.50
0.04 1.22
0.43
7.64
7.30
3.61 3.41
9.88
9.53
ns
–1
0.56
6.38
0.04 1.04
0.36
6.50
6.21
3.07 2.90
8.40
8.11
ns
–2
0.49
5.60
0.03 0.91
0.32
5.71
5.45
2.69 2.55
7.38
7.12
ns
12 mA
Std.
0.66
7.29
0.04 1.22
0.43
7.23
7.29
3.71 3.95
9.47
9.53
ns
–1
0.56
6.20
0.04 1.04
0.36
6.15
6.20
3.15 3.36
8.06
8.11
ns
–2
0.49
5.45
0.03 0.91
0.32
5.40
5.45
2.77 2.95
7.07
7.12
ns
16 mA
Std.
0.66
7.29
0.04 1.22
0.43
7.23
7.29
3.71 3.95
9.47
9.53
ns
–1
0.56
6.20
0.04 1.04
0.36
6.15
6.20
3.15 3.36
8.06
8.11
ns
–2
0.49
5.45
0.03 0.91
0.32
5.40
5.45
2.77 2.95
7.07
7.12
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com