Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P030 Datasheet(PDF) 89 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 89 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 85Page - Microsemi Corporation A3P030 Datasheet HTML 86Page - Microsemi Corporation A3P030 Datasheet HTML 87Page - Microsemi Corporation A3P030 Datasheet HTML 88Page - Microsemi Corporation A3P030 Datasheet HTML 89Page - Microsemi Corporation A3P030 Datasheet HTML 90Page - Microsemi Corporation A3P030 Datasheet HTML 91Page - Microsemi Corporation A3P030 Datasheet HTML 92Page - Microsemi Corporation A3P030 Datasheet HTML 93Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-75
Timing Characteristics
Table 2-100 • Output Enable Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std. Units
tOECLKQ
Clock-to-Q of the Output Enable Register
0.59 0.67 0.79
ns
tOESUD
Data Setup Time for the Output Enable Register
0.31 0.36 0.42
ns
tOEHD
Data Hold Time for the Output Enable Register
0.00 0.00 0.00
ns
tOESUE
Enable Setup Time for the Output Enable Register
0.44 0.50 0.58
ns
tOEHE
Enable Hold Time for the Output Enable Register
0.00 0.00 0.00
ns
tOECLR2Q
Asynchronous Clear-to-Q of the Output Enable Register
0.67 0.76 0.89
ns
tOEPRE2Q
Asynchronous Preset-to-Q of the Output Enable Register
0.67 0.76 0.89
ns
tOEREMCLR Asynchronous Clear Removal Time for the Output Enable Register
0.00 0.00 0.00
ns
tOERECCLR
Asynchronous Clear Recovery Time for the Output Enable Register
0.22 0.25 0.30
ns
tOEREMPRE Asynchronous Preset Removal Time for the Output Enable Register
0.00 0.00 0.00
ns
tOERECPRE
Asynchronous Preset Recovery Time for the Output Enable Register
0.22 0.25 0.30
ns
tOEWCLR
Asynchronous Clear Minimum Pulse Width for the Output Enable Register
0.22 0.25 0.30
ns
tOEWPRE
Asynchronous Preset Minimum Pulse Width for the Output Enable Register 0.22 0.25 0.30
ns
tOECKMPWH Clock Minimum Pulse Width High for the Output Enable Register
0.36 0.41 0.48
ns
tOECKMPWL Clock Minimum Pulse Width Low for the Output Enable Register
0.32 0.37 0.43
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com