Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3P030 Datasheet(PDF) 49 Page - Microsemi Corporation

Part # A3P030
Description  ProASIC3 Flash Family FPGAs
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P030 Datasheet(HTML) 49 Page - Microsemi Corporation

Back Button A3P030 Datasheet HTML 45Page - Microsemi Corporation A3P030 Datasheet HTML 46Page - Microsemi Corporation A3P030 Datasheet HTML 47Page - Microsemi Corporation A3P030 Datasheet HTML 48Page - Microsemi Corporation A3P030 Datasheet HTML 49Page - Microsemi Corporation A3P030 Datasheet HTML 50Page - Microsemi Corporation A3P030 Datasheet HTML 51Page - Microsemi Corporation A3P030 Datasheet HTML 52Page - Microsemi Corporation A3P030 Datasheet HTML 53Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
2-35
Table 2-43 • 3.3 V LVTTL / 3.3 V LVCMOS High Slew
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
0.66
7.20
0.04
1.00
0.43
7.34
6.29
2.27
2.34
9.57
8.52
ns
–1
0.56
6.13
0.04
0.85
0.36
6.24
5.35
1.93
1.99
8.14
7.25
ns
–2
0.49
5.38
0.03
0.75
0.32
5.48
4.69
1.70
1.75
7.15
6.36
ns
6 mA
Std.
0.66
4.50
0.04
1.00
0.43
4.58
3.82
2.58
2.88
6.82
6.05
ns
–1
0.56
3.83
0.04
0.85
0.36
3.90
3.25
2.19
2.45
5.80
5.15
ns
–2
0.49
3.36
0.03
0.75
0.32
3.42
2.85
1.92
2.15
5.09
4.52
ns
8 mA
Std.
0.66
4.50
0.04
1.00
0.43
4.58
3.82
2.58
2.88
6.82
6.05
ns
–1
0.56
3.83
0.04
0.85
0.36
3.90
3.25
2.19
2.45
5.80
5.15
ns
–2
0.49
3.36
0.03
0.75
0.32
3.42
2.85
1.92
2.15
5.09
4.52
ns
12 mA
Std.
0.66
3.16
0.04
1.00
0.43
3.22
2.58
2.79
3.22
5.45
4.82
ns
–1
0.56
2.69
0.04
0.85
0.36
2.74
2.20
2.37
2.74
4.64
4.10
ns
–2
0.49
2.36
0.03
0.75
0.32
2.40
1.93
2.08
2.41
4.07
3.60
ns
16 mA
Std.
0.66
3.16
0.04
1.00
0.43
3.22
2.58
2.79
3.22
5.45
4.82
ns
–1
0.56
2.69
0.04
0.85
0.36
2.74
2.20
2.37
2.74
4.64
4.10
ns
–2
0.49
2.36
0.03
0.75
0.32
2.40
1.93
2.08
2.41
4.07
3.60
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com