Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 83 Page - Microsemi Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP030 Datasheet(HTML) 83 Page - Microsemi Corporation

Back Button AGLP030 Datasheet HTML 79Page - Microsemi Corporation AGLP030 Datasheet HTML 80Page - Microsemi Corporation AGLP030 Datasheet HTML 81Page - Microsemi Corporation AGLP030 Datasheet HTML 82Page - Microsemi Corporation AGLP030 Datasheet HTML 83Page - Microsemi Corporation AGLP030 Datasheet HTML 84Page - Microsemi Corporation AGLP030 Datasheet HTML 85Page - Microsemi Corporation AGLP030 Datasheet HTML 86Page - Microsemi Corporation AGLP030 Datasheet HTML 87Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 134 page
background image
IGLOO PLUS Low Power Flash FPGAs
Revision 16
2-69
Table 2-93 • RAM512X18
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
Std. Units
tAS
Address setup time
0.69
ns
tAH
Address hold time
0.13
ns
tENS
REN, WEN setup time
0.61
ns
tENH
REN, WEN hold time
0.07
ns
tDS
Input data (WD) setup time
0.59
ns
tDH
Input data (WD) hold time
0.30
ns
tCKQ1
Clock High to new data valid on RD (output retained)
3.51
ns
tCKQ2
Clock High to new data valid on RD (pipelined)
1.43
ns
tC2CRWH1
Address collision clk-to-clk delay for reliable read access after write on same address –
applicable to opening edge
0.21
ns
tC2CWRH1
Address collision clk-to-clk delay for reliable write access after read on same address –
applicable to opening edge
0.25
ns
tRSTBQ
RESET Low to data out Low on RD (flow-through)
1.72
ns
RESET Low to data out Low on RD (pipelined)
1.72
ns
tREMRSTB
RESET removal
0.51
ns
tRECRSTB
RESET recovery
2.68
ns
tMPWRSTB RESET minimum pulse width
0.68
ns
tCYC
Clock cycle time
6.24
ns
FMAX
Maximum frequency
160 MHz
Notes:
1. For more information, refer to the application note Simultaneous Read-Write Operations in Dual-Port SRAM for Flash-
Based cSoCs and FPGAs.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com