Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 16 Page - Microsemi Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP030 Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button AGLP030 Datasheet HTML 12Page - Microsemi Corporation AGLP030 Datasheet HTML 13Page - Microsemi Corporation AGLP030 Datasheet HTML 14Page - Microsemi Corporation AGLP030 Datasheet HTML 15Page - Microsemi Corporation AGLP030 Datasheet HTML 16Page - Microsemi Corporation AGLP030 Datasheet HTML 17Page - Microsemi Corporation AGLP030 Datasheet HTML 18Page - Microsemi Corporation AGLP030 Datasheet HTML 19Page - Microsemi Corporation AGLP030 Datasheet HTML 20Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 134 page
background image
IGLOO PLUS DC and Switching Characteristics
2-2
Revision 16
Table 2-2 • Recommended Operating Conditions1,2
Symbol
Parameter
Commercial
Industrial
Units
TA
Ambient temperature
0 to +70
–40 to +85
°C
TJ
Junction temperature2
0 to + 85
–40 to +100
°C
VCC3
1.5 V DC core supply voltage 4
1.425 to 1.575
1.425 to 1.575
V
1.2 V–1.5 V wide range core voltage5,6
1.14 to 1.575
1.14 to 1.575
V
VJTAG
JTAG DC voltage
1.4 to 3.6
1.4 to 3.6
V
VPUMP7
Programming voltage
Programming mode
3.15 to 3.45
3.15 to 3.45
V
Operation
0 to 3.6
0 to 3.6
V
VCCPLL8 Analog power supply (PLL)
1.5 V DC core supply voltage4
1.425 to 1.575
1.425 to 1.575
V
1.2 V–1.5 V wide range core
voltage5
1.14 to 1.575
1.14 to 1.575
V
VCCI
1.2 V DC supply voltage5
1.14 to 1.26
1.14 to 1.26
V
1.2 V DC wide range supply voltage5
1.14 to 1.575
1.14 to 1.575
V
1.5 V DC supply voltage
1.425 to 1.575
1.425 to 1.575
V
1.8 V DC supply voltage
1.7 to 1.9
1.7 to 1.9
V
2.5 V DC supply voltage
2.3 to 2.7
2.3 to 2.7
V
3.3 V wide range DC supply voltage9
2.7 to 3.6
2.7 to 3.6
V
3.3 V DC supply voltage
3.0 to 3.6
3.0 to 3.6
V
Notes:
1. All parameters representing voltages are measured with respect to GND unless otherwise specified.
2. To ensure targeted reliability standards are met across ambient and junction operating temperatures, Microsemi
recommends that the user follow best design practices using Microsemi’s timing and power simulation tools.
3. The ranges given here are for power supplies only. The recommended input voltage ranges specific to each I/O
standard are given in Table 2-21 on page 2-19. VCCI should be at the same voltage within a given I/O bank.
4. For IGLOO® PLUS V5 devices
5. For IGLOO PLUS V2 devices only, operating at VCCI
 VCC.
6. All IGLOO PLUS devices (V5 and V2) must be programmed with the VCC core voltage at 1.5 V. Applications using V2
devices powered by a 1.2 V supply must switch the core supply to 1.5 V for in-system programming.
7. VPUMP can be left floating during operation (not programming mode).
8. VCCPLL pins should be tied to VCC pins. See the Pin Descriptions chapter of the IGLOO PLUS FPGA Fabric User’s
Guide for further information.
9. 3.3 V wide range is compliant to the JDEC8b specification and supports 3.0 V VCCI operation.
Table 2-3 • Flash Programming Limits – Retention, Storage, and Operating Temperature 1
Product
Grade
Programming
Cycles
Program
Retention
(biased/unbiased)
Maximum Storage
Temperature TSTG
(°C) 2
Maximum Operating
Junction
Temperature TJ (°C) 2
Commercial
500
20 years
110
100
Industrial
500
20 years
110
100
Notes:
1. This is a stress rating only; functional operation at any condition other than those indicated is not implied.
2. These limits apply for program/data retention only. Refer to Table 2-1 on page 2-1 and Table 2-2 for device operating
conditions and absolute limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com