Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 91 Page - Microsemi Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP030 Datasheet(HTML) 91 Page - Microsemi Corporation

Back Button AGLP030 Datasheet HTML 87Page - Microsemi Corporation AGLP030 Datasheet HTML 88Page - Microsemi Corporation AGLP030 Datasheet HTML 89Page - Microsemi Corporation AGLP030 Datasheet HTML 90Page - Microsemi Corporation AGLP030 Datasheet HTML 91Page - Microsemi Corporation AGLP030 Datasheet HTML 92Page - Microsemi Corporation AGLP030 Datasheet HTML 93Page - Microsemi Corporation AGLP030 Datasheet HTML 94Page - Microsemi Corporation AGLP030 Datasheet HTML 95Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 134 page
background image
IGLOO PLUS Low Power Flash FPGAs
Revision 16
2-77
1.2 V DC Core Voltage
Table 2-97 • FIFO
Worst Commercial-Case Conditions: TJ = 70°C, VCC = 1.14 V
Parameter
Description
Std.
Units
tENS
REN, WEN Setup Time
3.44
ns
tENH
REN, WEN Hold Time
0.26
ns
tBKS
BLK Setup Time
0.30
ns
tBKH
BLK Hold Time
0.00
ns
tDS
Input Data (WD) Setup Time
1.30
ns
tDH
Input Data (WD) Hold Time
0.41
ns
tCKQ1
Clock High to New Data Valid on RD (flow-through)
5.67
ns
tCKQ2
Clock High to New Data Valid on RD (pipelined)
3.02
ns
tRCKEF
RCLK High to Empty Flag Valid
6.02
ns
tWCKFF
WCLK High to Full Flag Valid
5.71
ns
tCKAF
Clock High to Almost Empty/Full Flag Valid
22.17
ns
tRSTFG
RESET Low to Empty/Full Flag Valid
5.93
ns
tRSTAF
RESET Low to Almost Empty/Full Flag Valid
21.94
ns
tRSTBQ
RESET Low to Data Out Low on RD (flow-through)
3.41
ns
RESET Low to Data Out Low on RD (pipelined)
3.41
ns
tREMRSTB
RESET Removal
1.02
ns
tRECRSTB
RESET Recovery
5.48
ns
tMPWRSTB
RESET Minimum Pulse Width
1.18
ns
tCYC
Clock Cycle Time
10.90
ns
FMAX
Maximum Frequency for FIFO
92
MHz
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com