Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP030 Datasheet(HTML) 2 Page - Microsemi Corporation

  AGLP030 Datasheet HTML 1Page - Microsemi Corporation AGLP030 Datasheet HTML 2Page - Microsemi Corporation AGLP030 Datasheet HTML 3Page - Microsemi Corporation AGLP030 Datasheet HTML 4Page - Microsemi Corporation AGLP030 Datasheet HTML 5Page - Microsemi Corporation AGLP030 Datasheet HTML 6Page - Microsemi Corporation AGLP030 Datasheet HTML 7Page - Microsemi Corporation AGLP030 Datasheet HTML 8Page - Microsemi Corporation AGLP030 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 134 page
background image
IGLOO PLUS Low Power Flash FPGAs
II
Revision 16
I/Os Per Package 1
IGLOO PLUS Device Status
IGLOO PLUS Devices
AGLP030
AGLP060
AGLP125
Package
Single-Ended I/Os
CS201
120
157
CS281
212
CS289
120
157
212
VQ128
101
VQ176
137
Note: When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not used as a regular I/O, the number of single-
ended user I/Os available is reduced by one.
Table 2 • IGLOO PLUS FPGAs Package Size Dimensions
Package
CS201
CS281
CS289
VQ128
VQ176
Length × Width (mm/mm)
8 × 8
10 × 10
14 × 14
14 × 14
20 × 20
Nominal Area (mm2)
64
100
196
196
400
Pitch (mm)
0.5
0.5
0.8
0.4
0.4
Height (mm)
0.89
1.05
1.20
1.0
1.0
IGLOO PLUS Device
Status
AGLP030
Production
AGLP060
Production
AGLP125
Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com