Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGLP030 Datasheet(PDF) 102 Page - Microsemi Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLP030 Datasheet(HTML) 102 Page - Microsemi Corporation

Back Button AGLP030 Datasheet HTML 98Page - Microsemi Corporation AGLP030 Datasheet HTML 99Page - Microsemi Corporation AGLP030 Datasheet HTML 100Page - Microsemi Corporation AGLP030 Datasheet HTML 101Page - Microsemi Corporation AGLP030 Datasheet HTML 102Page - Microsemi Corporation AGLP030 Datasheet HTML 103Page - Microsemi Corporation AGLP030 Datasheet HTML 104Page - Microsemi Corporation AGLP030 Datasheet HTML 105Page - Microsemi Corporation AGLP030 Datasheet HTML 106Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 134 page
background image
Package Pin Assignments
4-2
Revision 16
VQ128
Pin Number
AGLP030
Function
1
IO119RSB3
2
IO118RSB3
3
IO117RSB3
4
IO115RSB3
5
IO116RSB3
6
IO113RSB3
7
IO114RSB3
8GND
9VCCIB3
10
IO112RSB3
11
IO111RSB3
12
IO110RSB3
13
IO109RSB3
14
GEC0/IO108RSB3
15
GEA0/IO107RSB3
16
GEB0/IO106RSB3
17
VCC
18
IO104RSB3
19
IO103RSB3
20
IO102RSB3
21
IO101RSB3
22
IO100RSB3
23
IO99RSB3
24
GND
25
VCCIB3
26
IO97RSB3
27
IO98RSB3
28
IO95RSB3
29
IO96RSB3
30
IO94RSB3
31
IO93RSB3
32
IO92RSB3
33
IO91RSB2
34
FF/IO90RSB2
35
IO89RSB2
36
IO88RSB2
37
IO86RSB2
38
IO84RSB2
39
IO83RSB2
40
GND
41
VCCIB2
42
IO82RSB2
43
IO81RSB2
44
IO79RSB2
45
IO78RSB2
46
IO77RSB2
47
IO75RSB2
48
IO74RSB2
49
VCC
50
IO73RSB2
51
IO72RSB2
52
IO70RSB2
53
IO69RSB2
54
IO68RSB2
55
IO66RSB2
56
IO65RSB2
57
GND
58
VCCIB2
59
IO63RSB2
60
IO61RSB2
61
IO59RSB2
62
TCK
63
TDI
64
TMS
65
VPUMP
66
TDO
67
TRST
68
IO58RSB1
69
VJTAG
70
IO56RSB1
VQ128
Pin Number
AGLP030
Function
71
IO57RSB1
72
VCCIB1
73
GND
74
IO55RSB1
75
IO54RSB1
76
IO53RSB1
77
IO52RSB1
78
IO51RSB1
79
IO50RSB1
80
IO49RSB1
81
VCC
82
GDB0/IO48RSB1
83
GDA0/IO47RSB1
84
GDC0/IO46RSB1
85
IO45RSB1
86
IO44RSB1
87
IO43RSB1
88
IO42RSB1
89
VCCIB1
90
GND
91
IO40RSB1
92
IO41RSB1
93
IO39RSB1
94
IO38RSB1
95
IO37RSB1
96
IO36RSB1
97
IO35RSB0
98
IO34RSB0
99
IO33RSB0
100
IO32RSB0
101
IO30RSB0
102
IO28RSB0
103
IO27RSB0
104
VCCIB0
105
GND
VQ128
Pin Number
AGLP030
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com