Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX500 Datasheet(PDF) 116 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 116 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 112Page - Microsemi Corporation AX500 Datasheet HTML 113Page - Microsemi Corporation AX500 Datasheet HTML 114Page - Microsemi Corporation AX500 Datasheet HTML 115Page - Microsemi Corporation AX500 Datasheet HTML 116Page - Microsemi Corporation AX500 Datasheet HTML 117Page - Microsemi Corporation AX500 Datasheet HTML 118Page - Microsemi Corporation AX500 Datasheet HTML 119Page - Microsemi Corporation AX500 Datasheet HTML 120Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 262 page
background image
Detailed Specifications
2- 10 2
R ev isio n 1 8
Table 2-98 • One FIFO Block
Worst-Case Commercial Conditions VCCA = 1.425 V, VCCI = 3.0 V, TJ = 70°C
–2 Speed
–1 Speed
Std Speed
Units
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
FIFO Module Timing
tWSU
Write Setup
11.40
12.98
15.26
ns
tWHD
Write Hold
0.22
0.25
0.30
ns
tWCKH
WCLK High
0.75
0.75
0.75
ns
tWCKL
WCLK Low
0.88
0.88
0.88
ns
tWCKP
Minimum WCLK Period
1.63
1.63
1.63
ns
tRSU
Read Setup
11.63
13.25
15.58
ns
tRHD
Read Hold
0.00
0.00
0.00
ns
tRCKH
RCLK High
0.77
0.77
0.77
ns
tRCKL
RCLK Low
0.93
0.93
0.93
ns
tRCKP
Minimum RCLK period
1.70
1.70
1.70
ns
tCLRHF
Clear High
0.00
0.00
0.00
ns
tCLR2FF
Clear-to-flag (EMPTY/FULL)
1.92
2.18
2.57
ns
tCLR2AF
Clear-to-flag (AEMPTY/AFULL)
4.39
5.00
5.88
ns
tCK2FF
Clock-to-flag (EMPTY/FULL)
2.13
2.42
2.85
ns
tCK2AF
Clock-to-flag (AEMPTY/AFULL)
5.04
5.75
6.75
ns
tRCK2RD1
RCLK-To-OUT (Pipelined)
1.32
1.51
1.77
ns
tRCK2RD2
RCLK-To-OUT (Non-Pipelined)
2.16
2.46
2.90
ns
Note:
Timing data for this single block FIFO has a depth of 4,096. For all other combinations, use Microsemi’s timing
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com