Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX500 Datasheet(PDF) 120 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 120 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 116Page - Microsemi Corporation AX500 Datasheet HTML 117Page - Microsemi Corporation AX500 Datasheet HTML 118Page - Microsemi Corporation AX500 Datasheet HTML 119Page - Microsemi Corporation AX500 Datasheet HTML 120Page - Microsemi Corporation AX500 Datasheet HTML 121Page - Microsemi Corporation AX500 Datasheet HTML 122Page - Microsemi Corporation AX500 Datasheet HTML 123Page - Microsemi Corporation AX500 Datasheet HTML 124Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 262 page
background image
Detailed Specifications
2- 10 6
R ev isio n 1 8
Building RAM and FIFO Modules
RAM and FIFO modules can be generated and included in a design in two different ways:
•
Using the SmartGen Core Generator where the user defines the depth and width of the
FIFO/RAM, and then instantiates this block into the design (refer to the SmartGen, FlashROM,
Analog System Builder, and Flash Memory System Builder
User’s Guide for more information).
•
The alternative is to instantiate the RAM/FIFO blocks manually, using inverters for polarity control
and tying all unused data bits to ground.
Other Architectural Features
Low Power Mode
Although designed for high performance, the AX architecture also allows the user to place the device into
a low power mode. Each I/O bank in an Axcelerator device can be configured individually, when in low
power mode, to tristate all outputs, disable inputs, or both. The low power mode is activated by asserting
the LP pin, which is grounded in normal operation.
While in the low power mode, the device is still fully functional and all internal logic states are preserved.
This allows a user to disable all but a few signals and operate the part in a low-frequency, watchdog
Table 2-102 • Sixteen FIFO Blocks Cascaded
Worst-Case Commercial Conditions VCCA = 1.425 V, VCCI = 3.0 V, TJ = 70°C
–2 Speed
–1 Speed
Std Speed
Units
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
FIFO Module Timing
tWSU
Write Setup
16.32
18.60
21.86
ns
tWHD
Write Hold
0.00
0.00
0.00
ns
tWCKH
WCLK High
0.75
0.75
0.75
ns
tWCKL
WCLK Low
13.40
13.40
13.40
ns
tWCKP
Minimum WCLK Period
14.15
14.15
14.15
ns
tRSU
Read Setup
17.16
19.54
22.97
ns
tRHD
Read Hold
0.00
0.00
0.00
ns
tRCKH
RCLK High
0.73
0.73
0.73
ns
tRCKL
RCLK Low
14.41
14.41
14.41
ns
tRCKP
Minimum RCLK period
15.14
15.14
15.14
ns
tCLRHF
Clear High
0.00
0.00
0.00
ns
tCLR2FF
Clear-to-flag (EMPTY/FULL)
1.92
2.18
2.57
ns
tCLR2AF
Clear-to-flag (AEMPTY/AFULL)
4.39
5.00
5.88
ns
tCK2FF
Clock-to-flag (EMPTY/FULL)
2.13
2.42
2.85
ns
tCK2AF
Clock-to-flag (AEMPTY/AFULL)
5.04
5.75
6.75
ns
tRCK2RD1
RCLK-To-OUT (Pipelined)
12.08
13.76
16.17
ns
tRCK2RD2
RCLK-To-OUT (Nonpipelined)
12.83
14.62
17.18
ns
Note:
Timing data for these sixteen cascaded FIFO blocks uses a depth of 65,536. For all other combinations, use
Microsemi’s timing software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com