Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX500 Datasheet(PDF) 124 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 124 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 120Page - Microsemi Corporation AX500 Datasheet HTML 121Page - Microsemi Corporation AX500 Datasheet HTML 122Page - Microsemi Corporation AX500 Datasheet HTML 123Page - Microsemi Corporation AX500 Datasheet HTML 124Page - Microsemi Corporation AX500 Datasheet HTML 125Page - Microsemi Corporation AX500 Datasheet HTML 126Page - Microsemi Corporation AX500 Datasheet HTML 127Page - Microsemi Corporation AX500 Datasheet HTML 128Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 262 page
background image
Detailed Specifications
2- 11 0
R ev isio n 1 8
Programming
Device programming is supported through the Silicon Sculptor II, a single-site, robust and compact
device programmer for the PC. Up to four Silicon Sculptor IIs can be daisy-chained and controlled from a
single PC host. With standalone software for the PC, Silicon Sculptor II is designed to allow concurrent
programming of multiple units from the same PC when daisy-chained.
Silicon Sculptor II programs devices independently to achieve the fastest programming times possible.
Each fuse is verified by Silicon Sculptor II to ensure correct programming. Furthermore, at the end of
programming, there are integrity tests that are run to ensure that programming was completed properly.
Not only does it test programmed and nonprogrammed fuses, Silicon Sculptor II also provides a self-test
to test its own hardware extensively.
Programming an Axcelerator device using Silicon Sculptor II is similar to programming any other antifuse
device. The procedure is as follows:
1. Load the *.AFM file.
2. Select the device to be programmed.
3. Begin programming.
When the design is ready to go to production, Microsemi offers device volume-programming services
either through distribution partners or via our In-House Programming Center.
In addition, BP Microsystems offers multi-site programmers that provide qualified support for Axcelerator
devices.
For more details on programming the Axcelerator devices, please refer to the Silicon Sculptor II User’s
Guide
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com