Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24894 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP24894
Description  Step-Down WLED-Current Controller with Wide 6V to 60V Input Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24894 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP24894 Datasheet HTML 1Page - Monolithic Power Systems MP24894 Datasheet HTML 2Page - Monolithic Power Systems MP24894 Datasheet HTML 3Page - Monolithic Power Systems MP24894 Datasheet HTML 4Page - Monolithic Power Systems MP24894 Datasheet HTML 5Page - Monolithic Power Systems MP24894 Datasheet HTML 6Page - Monolithic Power Systems MP24894 Datasheet HTML 7Page - Monolithic Power Systems MP24894 Datasheet HTML 8Page - Monolithic Power Systems MP24894 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP24894 – STEP-DOWN LED-CURRENT CONTROLLER WITH WIDE 6V TO 60V INPUT VOLTAGE
MP24894 Rev 1.01
www.MonolithicPower.com
2
12/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP24894GJ
TSOT6
ACG
*
For Tape & Reel, add suffix –Z (e.g. MP24894GJ–Z);
PACKAGE REFERENCE
2
1
34
5
6
IN
RS
EN/DIM
GND
DR
VCC
TSOT6
ABSOLUTE MAXIMUM RATINGS
(1)
VIN .................................................-0.3V to +65V
VRS ..............................................(VIN - 5V) to VIN
All Other Pins...............................-0.3V to +6.5V
Continuous Power Dissipation
(TA = 25°C)
(2)
TSOT6 ..................................................... 1.25W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..............................6V to 60V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSOT6 ..................................100 ..... 55 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum
junction
temperature
TJ(MAX),
the
junction-to-ambient thermal resistance θJA, and the ambient
temperature TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by
PD(MAX)=(TJ(MAX)-TA)/
θJA.
Exceeding
the
maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com