Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24894 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP24894
Description  Step-Down WLED-Current Controller with Wide 6V to 60V Input Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24894 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP24894 Datasheet HTML 1Page - Monolithic Power Systems MP24894 Datasheet HTML 2Page - Monolithic Power Systems MP24894 Datasheet HTML 3Page - Monolithic Power Systems MP24894 Datasheet HTML 4Page - Monolithic Power Systems MP24894 Datasheet HTML 5Page - Monolithic Power Systems MP24894 Datasheet HTML 6Page - Monolithic Power Systems MP24894 Datasheet HTML 7Page - Monolithic Power Systems MP24894 Datasheet HTML 8Page - Monolithic Power Systems MP24894 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP24894 – STEP-DOWN LED-CURRENT CONTROLLER WITH WIDE 6V TO 60V INPUT VOLTAGE
MP24894 Rev 1.01
www.MonolithicPower.com
5
12/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 24V, 3LEDs, IOUT = 1A, TA = 25°C, unless otherwise noted.
Steady State
Input Power On
Input Power Off
EN Power On
EN Power Off
Short LED+ to
LED- Protection
60
65
70
75
80
85
90
95
100
10
20
30
40
50
60
Efficiency
VSW
20V/div.
VGATE
5V/div.
IL
500mA/div.
VSW
20V/div.
VIN
10V/div.
ILED
1A/div.
VEN
5V/div.
VSW
20V/div.
VIN
10V/div.
VEN
5V/div.
ILED
1A/div.
VSW
20V/div.
VGATE
5V/div.
VEN
5V/div.
ILED
1A/div.
VSW
20V/div.
VGATE
5V/div.
VEN
5V/div.
ILED
1A/div.
VSW
20V/div.
VGATE
5V/div.
VEN
5V/div.
ILED
1A/div.
VSW
20V/div.
VGATE
5V/div.
VEN
5V/div.
ILED
1A/div.
VSW
20V/div.
VGATE
5V/div.
VLED-
10V/div.
IL
1A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com