Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24894 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP24894
Description  Step-Down WLED-Current Controller with Wide 6V to 60V Input Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24894 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP24894 Datasheet HTML 1Page - Monolithic Power Systems MP24894 Datasheet HTML 2Page - Monolithic Power Systems MP24894 Datasheet HTML 3Page - Monolithic Power Systems MP24894 Datasheet HTML 4Page - Monolithic Power Systems MP24894 Datasheet HTML 5Page - Monolithic Power Systems MP24894 Datasheet HTML 6Page - Monolithic Power Systems MP24894 Datasheet HTML 7Page - Monolithic Power Systems MP24894 Datasheet HTML 8Page - Monolithic Power Systems MP24894 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP24894 – STEP-DOWN LED-CURRENT CONTROLLER WITH WIDE 6V TO 60V INPUT VOLTAGE
MP24894 Rev 1.01
www.MonolithicPower.com
3
12/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input voltage
VIN
6
60
V
Shutdown supply current
ISD
80
108
µA
Quiescent supply current
IQ
No Switching
0.3
0.5
mA
VCC voltage
Vcc
VEN/DIM = 3.5V
5.5
6
V
Feedback average voltage
(with respect to VIN)
VIN-VRS VEN/DIM = 3.5V
194
200
206
mV
Feedback reference voltage
hysterisis
VFB_HYS
±30
mV
EN/DIM enable high voltage
VEN_HIGH VEN Rising
0.29
0.34
V
EN/DIM enable hysterisis
VEN_HYS
20
50
80
mV
EN/DIM pull-up current
Pull up to 5V
2.8
μA
EN/DIM pull-down current
Pull down to GND
25
μA
Min recommended pwm dimming
frequency
FPWMmin
0.1
kHz
Max recommended pwm dimming
frequency
FPWMmax
20
kHz
Gate driver source resistor
R_source VGS = 5.5V
6
Gate driver sink resistor
R_sink
2
Gate driver output-voltage high
VOH
IDRV = 10mA
5.5
V
Gate driver output-voltage low
VOL
IDRV = 10mA
0.5
V
Minimum on time
TON_MIN
Guarantee by Designer
100
ns
Minimum off time
TOFF_MIN Guarantee by Designer
100
ns
Recommended maximum
operating frequency
FMAX
1
MHz
UVLO threshold voltage(VCC)
VUVLOTH VCC Rising
5.6
V
UVLO hysteresis
VUVLOHYS
0.4
V
Thermal shutdown threshold
Temp Rising
150
°C
Thermal shutdown hysteresis
Guarantee by Designer
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com