Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24894 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP24894
Description  Step-Down WLED-Current Controller with Wide 6V to 60V Input Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24894 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP24894 Datasheet HTML 4Page - Monolithic Power Systems MP24894 Datasheet HTML 5Page - Monolithic Power Systems MP24894 Datasheet HTML 6Page - Monolithic Power Systems MP24894 Datasheet HTML 7Page - Monolithic Power Systems MP24894 Datasheet HTML 8Page - Monolithic Power Systems MP24894 Datasheet HTML 9Page - Monolithic Power Systems MP24894 Datasheet HTML 10Page - Monolithic Power Systems MP24894 Datasheet HTML 11Page - Monolithic Power Systems MP24894 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP24894 – STEP-DOWN LED-CURRENT CONTROLLER WITH WIDE 6V TO 60V INPUT VOLTAGE
MP24894 Rev 1.01
www.MonolithicPower.com
9
12/20/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
Steady State
The MP24894 is a step-down LED-current
controller with hysteresis control that is easily
configured for a wide input that ranges from 6V to
60V input. The MP24894 uses a high-side
current-sense resistor to detect and regulate
LED current. The voltage across the current-
sense resistor is measured and regulated in the
200mV±30mV range.
The internal 1.18V reference voltage provides a
0.3V reference to enable the part. When
VEN>0.3V, the output of the comparator goes high
and enables the other blocks. The MP24894 also
provides a 5V pull-up voltage as current reference
voltage when EN/DIM pin is float.
The inductor current is sensed through the
high-side resistor, Rsense. When the switch is on,
R2 (see Figure 1) is shorted and inductor current
upper-threshold is fixed by R1. When the switch is
off, inductor current lower-threshold is fixed by R1
and R2. The ratio of R1 and R2 determines the
current hysteresis.
System Soft Start
The voltage on the EN/DIM pin provides the
inductor current reference. An external capacitor
from the EN/DIM pin to ground provides a
soft-start delay. When VIN starts, internal voltage
source charges the capacitor from 0V to 5V to
fulfill soft-start function.
Dimming Control
The MP24894 allows the EN/DIM pin to control
both Analog and PWM dimming. Whenever the
voltage on DIM is less than 0.25V, the chip turns
off. For analog dimming, when the voltage on DIM
is from 0.3V to 2.7V, the LED current will change
from 20% to 100% of the maximum LED current.
If the voltage on EN pin is higher than 2.9V,
output LED current will equal the maximum LED
current. For PWM dimming, the signal amplitude
must exceed 3V. Choose a PWM frequency in
range of 100Hz to 20kHz for good dimming
linearity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com