Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24971DN Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP24971DN
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971DN Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP24971DN Datasheet HTML 2Page - Monolithic Power Systems MP24971DN Datasheet HTML 3Page - Monolithic Power Systems MP24971DN Datasheet HTML 4Page - Monolithic Power Systems MP24971DN Datasheet HTML 5Page - Monolithic Power Systems MP24971DN Datasheet HTML 6Page - Monolithic Power Systems MP24971DN Datasheet HTML 7Page - Monolithic Power Systems MP24971DN Datasheet HTML 8Page - Monolithic Power Systems MP24971DN Datasheet HTML 9Page - Monolithic Power Systems MP24971DN Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP24971 –1.5A, 50V, 100kHz, 5V FIXED OUTPUT STEP-DOWN CONVERTER
MP24971 Rev. 1.01
www.MonolithicPower.com
6
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
C1=220μF, C2=2.2μF, C8=22μF, C9=100μF, L=33μH, RSENSE=66mΩ, TA=25°C, unless otherwise
noted.
Output Line Drop
Compensation
Connect ISP, ISN to GND
IOUT (A)
IOUT (A)
Loop Gain with
Phase Margin
0.1
1
10
100
1000
FREQUENCY(kHz)
-200
-160
-120
-80
-40
0
40
80
120
160
200
Efficiency vs.
Output Current
55
60
65
70
75
80
85
90
95
IOUT (A)
Load Regulation
VOUT=5V
4.9
4.91
4.92
4.93
4.94
4.95
4.96
0 0.2 0.4 0.6 0.8
1 1.2 1.4
VIN=12V
VIN=24V
VIN=50V
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
VIN=12V
VIN=24V
VIN=50V
4.93
4.935
4.94
4.945
4.95
4.955
4.96
0 0.2 0.4 0.6 0.8
1 1.2 1.4 1.6
30
100
1000
VIN=12V
VIN=24V
VIN=50V
VIN=12V, VOUT=5V, IOUT=1.5A
FREQUENCY(MHz)
EMI Radiation
-50
-40
-30
-20
-10
0
10
20
30
40
50
-10
0
10
20
30
40
50
60
70
80
90
Resistor Load
EN55022
VIN=12V, VOUT=5V, IOUT=1.5A
Resistor Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com