Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24971DN Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP24971DN
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971DN Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP24971DN Datasheet HTML 6Page - Monolithic Power Systems MP24971DN Datasheet HTML 7Page - Monolithic Power Systems MP24971DN Datasheet HTML 8Page - Monolithic Power Systems MP24971DN Datasheet HTML 9Page - Monolithic Power Systems MP24971DN Datasheet HTML 10Page - Monolithic Power Systems MP24971DN Datasheet HTML 11Page - Monolithic Power Systems MP24971DN Datasheet HTML 12Page - Monolithic Power Systems MP24971DN Datasheet HTML 13Page - Monolithic Power Systems MP24971DN Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP24971 –1.5A, 50V, 100kHz, 5V FIXED OUTPUT STEP-DOWN CONVERTER
MP24971 Rev. 1.01
www.MonolithicPower.com
11
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Selecting the Input Capacitor
An input capacitor reduces the surge current
drawn from the input and any switching noise
from the device. Chose a capacitor with a
switching-frequency impedance less than the
input
source
impedance.
Use
ceramic
capacitors with X5R or X7R dielectrics for their
low ESR and small temperature coefficients. A
capacitor value of 4.7µF will suffice for most
applications.
Selecting the Output Capacitor
An output capacitor limits the output voltage
and ensures regulator loop stability. Chose an
output capacitor with a low impedance at the
switching frequency; preferably ceramic with
X5R or X7R dielectrics.
Setting the Current Limit
The inductor’s DC resistance (DCR) sets the
hiccup current limit. Use a sense resistor with
high precision and accuracy for accurate sense
measurement.
In Figure 3a, the output current limit is:
OUT _ L
100mV
I
DCR
(10)
Where Ra and Ca form a low pass filter.
In Figure 3b, the output current limit is set as:
OUT _ L
SENSE
100mV
I
R
(11)
Programming the Short Circuit Current Limit
The hiccup current limit at output short
condition can be programmed to be lower by
external resisters (RS1, RS2, RS1=RS2), as shown
in figure 4.
When output voltage is lower than 200mV, the
current limit is described by:
OUT _ SL
SENSE
S1
I
R
6.2 A R
100mV

 
(12)
The current limit at output short condition is:
S1
OUT _ SL
SENSE
100mV 6.2 A R
I
R
 
(13)
SW
ISP
ISN
Ra
RS2
RS1
SW
ISP
ISN
RSENSE
RS2
RS1
(a)
(b)
Ca
Figure 3—Current Sensing Methods
SW
ISP
ISN
RSENSE
RS1
RS2
200mV
6.2uA
Figure 4—Short Circuit Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com