Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24971DN Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP24971DN
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971DN Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP24971DN Datasheet HTML 3Page - Monolithic Power Systems MP24971DN Datasheet HTML 4Page - Monolithic Power Systems MP24971DN Datasheet HTML 5Page - Monolithic Power Systems MP24971DN Datasheet HTML 6Page - Monolithic Power Systems MP24971DN Datasheet HTML 7Page - Monolithic Power Systems MP24971DN Datasheet HTML 8Page - Monolithic Power Systems MP24971DN Datasheet HTML 9Page - Monolithic Power Systems MP24971DN Datasheet HTML 10Page - Monolithic Power Systems MP24971DN Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP24971 –1.5A, 50V, 100kHz, 5V FIXED OUTPUT STEP-DOWN CONVERTER
MP24971 Rev. 1.01
www.MonolithicPower.com
7
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1=220μF, C2=2.2μF, C8=22μF, C9=100μF, L=33μH, RSENSE=66mΩ, TA=25°C,unless otherwise
noted.
SW
10V/div
VIN/AC
500mV/div
VOUT/AC
20mV/div
IL
2A/div
SW
10V/div
VOUT
5V/div
IL
2A/div
SW
10V/div
VOUT
500mV/div
IOUT
2A/div
SW
10V/div
VOUT
5V/div
IOUT
2A/div
VOUT
200mV/div
IOUT
1A/div
Steady State
VIN=12V, VOUT=5V, IOUT=1.5A E-Load
Steady State
VIN=50V, VOUT=5V, IOUT=1.5A E-Load
Power Ramp Up
VIN=12V, VOUT=5V, IOUT=1.5A
Resistor Load
Power Ramp Down
VIN=12V, VOUT=5V, IOUT=1.5A
Resistor Load
Short Circuit Enter
VIN=12V, VOUT=5V, IOUT=0.5A
Short Circuit Recovery
VIN=12V, VOUT=5V, IOUT=0.5A
Load Transient Response
VIN=12V, VOUT=5V, IOUT=0.3A-1.5A
Slew Rate=6.4mA/s
Over Voltage Protection
VIN=12V, VOUT=5V, IOUT=1.5A
Add an 6V External Power to ISN
Short Circuit Steady
VIN=12V, VOUT=5V
SW
50V/div
VIN/AC
1V/div
VOUT/AC
50mV/div
IL
2A/div
VIN
10V/div
SW
10V/div
VOUT
5V/div
IOUT
2A/div
VIN
10V/div
SW
10V/div
VOUT
5V/div
IOUT
2A/div
VISN
5V/div
IOUT
2A/div
SW
10V/div
VOUT
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com