Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP24971DN Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP24971DN
Description  1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24971DN Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP24971DN Datasheet HTML 6Page - Monolithic Power Systems MP24971DN Datasheet HTML 7Page - Monolithic Power Systems MP24971DN Datasheet HTML 8Page - Monolithic Power Systems MP24971DN Datasheet HTML 9Page - Monolithic Power Systems MP24971DN Datasheet HTML 10Page - Monolithic Power Systems MP24971DN Datasheet HTML 11Page - Monolithic Power Systems MP24971DN Datasheet HTML 12Page - Monolithic Power Systems MP24971DN Datasheet HTML 13Page - Monolithic Power Systems MP24971DN Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP24971 –1.5A, 50V, 100kHz, 5V FIXED OUTPUT STEP-DOWN CONVERTER
MP24971 Rev. 1.01
www.MonolithicPower.com
12
1/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PC Board Layout
The high frequency paths for VIN, SW and
GND should be routed very close to the device
with short, direct, and wide traces. Place the
input capacitor as close as possible to the IN
and GND pins. Place the external feedback
resistors next to the FB pin. Keep the switching
node SW short and away from the feedback
network.
External Bootstrap Diode
An external bootstrap diode helps improve the
efficiency of the regulator when the system has
a 5V fixed input or the power supply generates
a 5V output. The bootstrap diode can be low-
cost, such as an IN4148 or a BAT54.
Add a diode for high duty-cycle operation (when
OUT
IN
V
V
>65%).
MP24971
BS
SW
10nF
5V
Figure 5—External Bootstrap Diode
Design Example
Below is a sample design that follows the
application guidelines for the specifications
below:
Parameter
Symbol
Value
Units
Input Voltage
VIN
8 - 50
V
Output Voltage
VOUT
5
V
Output Current Limit
IOUT-L
1.5
A
Output OVP
VOVP
6
V
Figure 6 shows the detailed application
schematic.
The
Typical
Performance
Characteristics
performance
and
circuit
waveforms are all based on this design. For
additional implentations, consult the Evaluation
Board Data Sheets.
+
L1
33µH
MP24971
SW
VOC
ISP
ISN
VOS
BST
VIN
GND
GND
C7
0.1µF
GND
VIN
Vcc
D1
NS
R2
402kO
D2
B360A
C8
22µF
C9
100µF
R6
100mO
C10
NS
C11
0.1µF
R3
1kO
R4
1kO
C5
10nF
C6
10nF
R8
0O
R1
0O
C4
0.1µF
C3
0.1µF
C1
100µ F
C2
2.2µF
VOUT
R5
100O
R7
165O
Figure 6—Detailed Sample Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com