Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD590JCPZ-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # AD590JCPZ-R5
Description  2-Terminal IC Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590JCPZ-R5 Datasheet(HTML) 4 Page - Analog Devices

  AD590JCPZ-R5 Datasheet HTML 1Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 2Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 3Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 4Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 5Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 6Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 7Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 8Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD590
Data Sheet
Rev. G | Page 4 of 16
AD590L AND AD590M SPECIFICATIONS
25°C and VS = 5 V, unless otherwise noted.1
Table 2.
AD590L
AD590M
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Operating Voltage Range
4
30
4
30
V
OUTPUT
Nominal Current Output @ 25°C (298.2 K)
298.2
298.2
μA
Nominal Temperature Coefficient
1
1
μA/K
Calibration Error @ 25°C
±1.0
±0.5
°C
Absolute Error (Over Rated Performance Temperature Range)
°C
Without External Calibration Adjustment
±3.0
±1.7
°C
With ± 25°C Calibration Error Set to Zero
±1.6
±1.0
°C
Nonlinearity
±0.4
±0.3
°C
Repeatability2
±0.1
±0.1
°C
Long-Term Drift3
±0.1
±0.1
°C
Current Noise
40
40
pA/√Hz
Power Supply Rejection
4 V ≤ VS ≤ 5 V
0.5
0.5
μA/V
5 V ≤ VS ≤ 15 V
0.2
0.2
μA/V
15 V ≤ VS ≤ 30 V
0.1
0.1
μA/V
Case Isolation to Either Lead
1010
1010
Ω
Effective Shunt Capacitance
100
100
pF
Electrical Turn-On Time
20
20
μs
Reverse Bias Leakage Current (Reverse Voltage = 10 V)4
10
10
pA
1 Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All
minimum and maximum specifications are guaranteed, although only those shown in boldface are tested on all production units.
2 Maximum deviation between +25°C readings after temperature cycling between −55°C and +150°C; guaranteed, not tested.
3 Conditions: constant 5 V, constant 125°C; guaranteed, not tested.
4 Leakage current doubles every 10°C.
15
.
273
32
9
5
C
K
F
C
7
.
459
32
5
9
F
R
C
F
Figure 5. Temperature Scale Conversion Equations
+223°
–50°
+273°
0°
+298°
+25°
+323°
+50°
+373°
+100°
+423°
+150°
–100°
0°
+100°
+200°
+300°
+32°
+70°
+212°
°K
°C
°F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com