Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD590JCPZ-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # AD590JCPZ-R5
Description  2-Terminal IC Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590JCPZ-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD590JCPZ-R5 Datasheet HTML 7Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 8Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 9Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 10Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 11Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 12Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 13Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 14Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD590
Rev. G | Page 11 of 16
Figure 21 is an example of a current transmitter designed to be
used with 40 V, 1 kΩ systems; it uses its full current range of 4
to 20 mA for a narrow span of measured temperatures. In this
example, the 1 µA/K output of the AD590 is amplified to
1 mA/°C and offset so that 4 mA is equivalent to 17°C and
20 mA is equivalent to 33°C. RT is trimmed for proper reading
at an intermediate reference temperature. With a suitable choice
of resistors, any temperature range within the operating limits
of the AD590 can be chosen.
Figure 21. 4 to 20 mA Current Transmitter
Figure 22 is an example of a variable temperature control circuit
(thermostat) using the AD590. RH and RL are selected to set the
high and low limits for RSET. RSET could be a simple pot, a
calibrated multiturn pot, or a switched resistive divider. Powering
the AD590 from the 10 V reference isolates the AD590 from
supply variations while maintaining a reasonable voltage (~7 V)
across it. Capacitor C1 is often needed to filter extraneous noise
from remote sensors. RB is determined by the β of the power
transistor and the current requirements of the load.
Figure 22. Simple Temperature Control Circuit
The voltage compliance and the reverse blocking characteristic
of the AD590 allow it to be powered directly from 5 V CMOS
logic. This permits easy multiplexing, switching, or pulsing for
minimum internal heat dissipation. In Figure 23, any AD590
connected to a logic high passes a signal current through the
current measuring circuitry, while those connected to a logic
zero pass insignificant current. The outputs used to drive the
AD590s can be employed for other purposes, but the additional
capacitance due to the AD590 should be taken into account.
Figure 23. AD590 Driven from CMOS Logic
30pF
V+
4mA = 17°C
12mA = 25°C
20mA = 33°C
–
+
–
+
AD581
VOUT
RT
5k
Ω
10
Ω
10k
Ω
12.7k
Ω
35.7k
Ω
5k
Ω
500
Ω
AD590
OP177
–
+
0.01µF
V–
AD790
–
+
C1
2
3
4
1
7
10k
Ω
RSET
RL
RB
RH
V–
V+
V+
AD590
–
+
AD581
OUT
HEATING
ELEMENTS
GND
10V
5V
CMOS
GATES
AD590
1k
Ω (0.1%)
–
+
–
+
–
+
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com