Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD590JCPZ-R5 Datasheet(PDF) 13 Page - Analog Devices

Part # AD590JCPZ-R5
Description  2-Terminal IC Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590JCPZ-R5 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD590JCPZ-R5 Datasheet HTML 8Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 9Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 10Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 11Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 12Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 13Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 14Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 15Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD590
Rev. G | Page 13 of 16
OUTLINE DIMENSIONS
Figure 25. 2-Lead Ceramic Flat Package [FLATPACK]
(F-2)
Dimensions shown in inches and (millimeters)
Figure 26. 3-Pin Metal Header Package [TO-52]
(H-03-1)
Dimensions shown in inches and (millimeters)
0.210 (5.34)
0.200 (5.08)
0.190 (4.83)
0.0065 (0.17)
0.0050 (0.13)
0.0045 (0.12)
0.050 (1.27)
0.041 (1.04)
0.240 (6.10)
0.230 (5.84)
0.220 (5.59)
POSITIVE LEAD
INDICATOR
0.500 (12.69)
MIN
0.093 (2.36)
0.081 (2.06)
0.055 (1.40)
0.050 (1.27)
0.045 (1.14)
0.019 (0.48)
0.017 (0.43)
0.015 (0.38)
0.015 (0.38)
TYP
0.030 (0.76)
TYP
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.250 (6.35) MIN
0.150 (3.81)
0.115 (2.92)
0.050 (1.27) MAX
0.019 (0.48)
0.016 (0.41)
0.021 (0.53) MAX
0.030 (0.76) MAX
0.500 (12.70)
MIN
0.046 (1.17)
0.036 (0.91)
0.048 (1.22)
0.028 (0.71)
0.050 (1.27) T.P.
3
1
0.100
(2.54)
T.P.
0.050
(1.27)
T.P.
45° T.P.
2
BASE & SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com