Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD590JCPZ-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # AD590JCPZ-R5
Description  2-Terminal IC Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590JCPZ-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD590JCPZ-R5 Datasheet HTML 8Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 9Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 10Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 11Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 12Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 13Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 14Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 15Page - Analog Devices AD590JCPZ-R5 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD590
Data Sheet
Rev. G | Page 14 of 16
Figure 27. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)
Figure 28. 4-Lead Lead Frame Chip Scale Package [LFCSP_WD]
2.00 mm × 3.00 mm Body, Very Very Thin, Dual Lead
(CP-4-1)
Dimensions shown in millimeters
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AA
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2441)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
1.65
1.55
1.45
0.50
0.40
0.30
TOP VIEW
4
1
3
2
0.35
0.30
0.25
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.80
1.70
1.60
0.203 REF
0.05 MAX
0.00 MIN
0.80 REF
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATIONS
SECTION OF THIS DATA SHEET.
2.10
2.00
1.90
3.10
3.00
2.90
COMPLIANT
TO JEDEC STANDARDS MO-229
COPLANARITY
0.08
0.20 MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com