Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640ASTZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD6640ASTZ
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640ASTZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD6640ASTZ Datasheet HTML 11Page - Analog Devices AD6640ASTZ Datasheet HTML 12Page - Analog Devices AD6640ASTZ Datasheet HTML 13Page - Analog Devices AD6640ASTZ Datasheet HTML 14Page - Analog Devices AD6640ASTZ Datasheet HTML 15Page - Analog Devices AD6640ASTZ Datasheet HTML 16Page - Analog Devices AD6640ASTZ Datasheet HTML 17Page - Analog Devices AD6640ASTZ Datasheet HTML 18Page - Analog Devices AD6640ASTZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD6640
–15–
REV. A
29
30
31
32
33
27
28
25
26
24
23
3
4
5
6
7
2
10
11
8
9
1
40
39
38
41
42
43
44
36
35
34
37
12
13
14
15
16
17
18
19
20
21
22
2
9
8
7
6
3
4
5
12
13
14
15
16
17
18
19
74LCX574
(DVCC)
8D
7D
5D
1D
4D
6D
3D
2D
5Q
6Q
7Q
8Q
2Q
3Q
4Q
1Q
OE
CK
B06
B07
B08
B09
B10
B11
11
1
2
9
8
7
6
3
4
5
12
13
14
15
16
17
18
19
U4
74LCX574
(DVCC)
8D
7D
5D
1D
4D
6D
3D
2D
5Q
6Q
7Q
8Q
2Q
3Q
4Q
1Q
OE
CK
B00
B01
B02
B03
B04
B05
11
1
NC = NO CONNECT
GND
GND
DVCC
DVCC
3
2
1
4
6
T4–1T
100
1
2
3
U5
74LVQ00
(+5VA)
5
6
4
BUFLAT
ANALOG
INPUT
+5V ANALOG
SUPPLY
+5VA
GND
COMMON
0.1 F
1:4
0.01 F
DVCC
C6
10 F
+
C7
0.1 F
C11
0.1 F
C12
0.1 F
C13
0.1 F
C15
0.1 F
C16
0.1 F
+5VA
C4
10 F
+
C8
0.1 F
C9
0.1 F
C17
0.1 F
DUT
AD6640
DVCC
ENCODE
ENCODE
AIN
VREF
C1
AVCC
348
348
348
348
348
348
348
348
348
348
348
348
0.01 F
D8
D7
D6
D5
D4
D3
D2
D1
GND
NC
(LSB) D0
DVCC
+5VA
3
2
1
4
6
T4–1T
1:4
TWO COMPLEMENT
BUFFERED OUTPUTS
E1
E2
270
0.1 F
+5VA
348
J1
J2
ENCODE
INPUT
0.1 F
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
31
30
29
28
27
26
25
24
23
22
21
32
33
34
35
36
37
38
39
40
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
DVCC (+3.3V OR +5.0V)
B11
B10
B09
B08
B07
B06
B05
B04
B03
B02
B01
B00
GND
GND
GND
GND
GND
348
348
348
348
348
348
348
348
348
348
348
348
BUFLAT
348
AIN
J4
J3
DVCC
Figure 18. AD6640ST/PCB Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com