Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640ASTZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD6640ASTZ
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640ASTZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD6640ASTZ Datasheet HTML 16Page - Analog Devices AD6640ASTZ Datasheet HTML 17Page - Analog Devices AD6640ASTZ Datasheet HTML 18Page - Analog Devices AD6640ASTZ Datasheet HTML 19Page - Analog Devices AD6640ASTZ Datasheet HTML 20Page - Analog Devices AD6640ASTZ Datasheet HTML 21Page - Analog Devices AD6640ASTZ Datasheet HTML 22Page - Analog Devices AD6640ASTZ Datasheet HTML 23Page - Analog Devices AD6640ASTZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD6640
–20–
REV. A
The signal-to-noise ratio (SNR) for an ADC can be predicted.
When normalized to ADC codes, the following equation accurately
predicts the SNR based on jitter, average DNL error, and thermal
noise. Each of these terms contributes to the noise within the
converter.
SNR
Ft rms
V
ANALOG
NOISE rms
=
+
+
+
()




–
log
/
20
2
1
22
2
12
2
12
2
12
π
ε
J
where:
FANALOG = analog input frequency
t J rms
=rms jitter of the ENCODE (rms sum of ENCODE
source and internal ENCODE circuitry)
ε
= average DNL of the ADC (typically 0.51 LSB)
VNOISE rms =V rms thermal noise referred to the analog input of
the ADC (typically 0.707 LSB)
Processing Gain
Processing gain is the improvement in signal-to-noise ratio (SNR)
gained through oversampling and digital filtering. Most of this
processing gain is accomplished using the channelizer chips.
These special purpose DSP chips not only provide channel selec-
tion and filtering but also a data rate reduction. The required rate
reduction is accomplished through a process called decimation.
The term decimation rate is used to indicate the ratio of input
data rate to output data rate. For example, if the input data
rate is 65 MSPS and the output data rate is 1.25 MSPS,
then the decimation rate is 52.
Large processing gains may be achieved in the decimation and
filtering process. The purpose of the channelizer, beyond tuning,
is to provide the narrow-band filtering and selectivity that tradi-
tionally have been provided by the ceramic or crystal filters of a
narrow-band receiver. This narrow-band filtering is the source of
the processing gain associated with a wide band receiver and
is simply the ratio of the pass-band to whole band expressed in
dB. For example, if a 30 kHz AMPS signal is being digitized
with an AD6640 sampling at 65 MSPS, the ratio would be
0.015 MHz/32.5 MHz. Expressed in log form, the processing
gain is –10
× log (0.015 MHz/32.5 MHz) or 33.4 dB.
Additional filtering and noise reduction techniques can be achieved
through DSP techniques; many applications do use additional
process gains through proprietary noise reduction algorithms.
Overcoming Static Nonlinearities with Dither
Typically, high resolution data converters use multistage tech-
niques to achieve high bit resolution without large comparator
arrays that would be required if traditional “flash” ADC techniques
were employed. The multistage converter typically provides
better wafer yields meaning lower cost and much lower power.
However, since the AD6640 is a multistage device, certain por-
tions of the circuit are used repetitively as the analog input sweeps
from one end of the converter range to the other. Although the
worst DNL error may be less than an LSB, the repetitive nature
of the transfer function can play havoc with low level dynamic
signals. Spurious signals for a full-scale input may be –80 dBc. At
36 dB below full scale, however, these repetitive DNL errors may
cause spurious-free dynamic range (SFDR) to fall below 80 dBFS
as shown in TPC 14.
A common technique for randomizing and reducing the effects
of repetitive static linearity is through the use of dither. The
purpose of dither is to force the repetitive nature of static linear-
ity to appear as if it were random. Then, the average linearity
over the range of dither will dominate SFDR performance. In
the AD6640, the repetitive cycle is every 15.625 mV p-p.
To ensure adequate randomization, 5.3 mV rms is required;
this equates to a total dither power of –32.5 dBm. This will
randomize the DNL errors over the complete range of the
residue converter. Although lower levels of dither such as that
from previous analog stages will reduce some of the linearity
errors, the full effect will only be gained with this larger dither.
Increasing dither even more may be used to reduce some of the
global INL errors. However, signals much larger than the mVs
proposed here begin to reduce the usable dynamic range of the
converter.
Even with the 5.3 mV rms of noise suggested, SNR would be
limited to 36 dB if injected as broadband noise. To avoid this
problem, noise may be injected as an out-of-band signal. Typically,
this may be around dc but may just as well be at fS/2 or at some
other frequency not used by the receiver. The bandwidth of the
noise is several hundred kilohertz. By band-limiting and control-
ling its location in frequency, large levels of dither may be intro-
duced into the receiver without seriously disrupting receiver
performance. The result can be a marked improvement in the
SFDR of the data converter.
TPC 17 shows the same converter shown earlier but with this
injection of dither (see TPC 14).
AD600
A
A
REF
2.2k
1 F
0.1 F
39
390
16k
+15V
NC202
NOISE
DIODE
(NoiseCom)
+5V
–5V
1k
2k
OP27
OPTIONAL HIGH
POWER DRIVE
CIRCUIT
LOW CONTROL
(0V–1V)
Figure 30. Noise Source (Dither Generator)
The simplest method for generating dither is through the use of
a noise diode (Figure 30). In this circuit, the noise diode NC202
generates the reference noise that is gained up and driven by the
AD600 and OP27 amplifier chain. The level of noise may be
controlled by either presetting the control voltage when the
system is set up, or by using a digital-to-analog converter (DAC)
to adjust the noise level based on input signal conditions. Once
generated, the signal must be introduced to the receiver strip.
The easiest method is to inject the signal into the drive chain
after the last down conversion as shown in Figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com