Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640ASTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD6640ASTZ
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640ASTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6640ASTZ Datasheet HTML 15Page - Analog Devices AD6640ASTZ Datasheet HTML 16Page - Analog Devices AD6640ASTZ Datasheet HTML 17Page - Analog Devices AD6640ASTZ Datasheet HTML 18Page - Analog Devices AD6640ASTZ Datasheet HTML 19Page - Analog Devices AD6640ASTZ Datasheet HTML 20Page - Analog Devices AD6640ASTZ Datasheet HTML 21Page - Analog Devices AD6640ASTZ Datasheet HTML 22Page - Analog Devices AD6640ASTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD6640
–19–
REV. A
band-pass filter will remove harmonics generated within the
amplifier, but intermods should be better than the performance
of the A/D converter. In the case of the AD6640, amplifier
intermods must be better than –80 dBFS when driving full-
scale power. As mentioned earlier, there are several amplifiers
to choose from and the specifications depend on the end
application. Figure 29 shows a typical multitone test.
FREQUENCY – MHz
0
–80
–120
–40
–100
–20
–60
dc
32.5
6.5
13.0
19.5
26.0
ENCODE = 65MSPS
Figure 29. Multitone Performance
Two other key considerations for the digital wideband receiver
are converter sample rate and IF frequency range. Since perfor-
mance of the AD6640 converter is largely independent of both
sample rate and analog input frequency (TPCs 4, 5, and 10), the
designer has greater flexibility in the selection of these parameters.
Also, since the AD6640 is a bipolar device, power dissipation is
not a function of sample rate. Thus there is no penalty paid in
power by operating at faster sample rates. All of this is good
because, by carefully selecting the input frequency range and
sample rate, some of the drive amplifier and ADC harmonics
can actually be placed out-of-band.
For example, if the system has second and third harmonics that
are unacceptably high, by carefully selecting the ENCODE rate
and signal bandwidth, these second and third harmonics can be
placed out-of-band. For the case of an ENCODE rate equal to
60 MSPS and a signal bandwidth of 7.5 MHz, placing the fun-
damental at 7.5 MHz places the second and third harmonics out
of band as shown in the Table II.
Table II.
ENCODE Rate
60 MSPS
Fundamental
7.5 MHz–15 MHz
Second Harmonic
15 MHz–30 MHz
Third Harmonic
22.5 MHz–30 MHz, 30 MHz–15 MHz
Another option can be found through band-pass sampling. If the
analog input signal range is from dc to fS/2, then the amplifier
and filter combination must perform to the specification required.
However, if the signal is placed in the third Nyquist zone (fS to
3fS/2), the amplifier is no longer required to meet the harmonic
performance required by the system specifications since all
harmonics would fall outside the pass-band filter. For example,
the pass-band filter would range from fS to 3 fS/2. The second
harmonic would span from 2 fS to 3 fS, well outside the pass-
band filter’s range. The burden then has been passed off to the
filter design, provided that the ADC meets the basic specifications
at the frequency of interest. In many applications, this is a worth-
while trade-off since many complex filters can easily be realized
using SAW and LCR techniques at these relatively high IF fre-
quencies. Although harmonic performance of the drive amplifier
is relaxed by this technique, intermodulation performance cannot
be sacrificed since intermods must be assumed to fall in-band for
both amplifiers and converters.
Noise Floor and SNR
Oversampling is sampling at a rate that is greater than twice the
bandwidth of the signal desired. Oversampling does not have
anything to do with the actual frequency of the sampled signal;
it is the bandwidth of the signal that is key. Band-pass or IF
sampling refers to sampling a frequency that is higher than Nyquist
and often provides additional benefits such as down conversion
using the ADC and replacing a mixer with a track-and-hold. Over-
sampling leads to processing gains because the faster the signal is
digitized, the wider the distribution of noise. Since the integrated
noise must remain constant, the actual noise floor is lowered by
3 dB each time the sample rate is doubled. The effective noise
density for an ADC may be calculated by the equation
V
NOISE rms /
Hz
=
10−
SNR /20
4 FS
For a typical SNR of 68 dB and a sample rate of 65 MSPS, this
is equivalent to 25 nV/
√Hz. This equation shows the relationship
between the SNR of the converter and the sample rate fS. This
equation may be used for computational purposes to determine
overall receiver noise.
PRESELECT
FILTER
LNA
5MHz–15MHz
PASS BAND
348
CMOS
BUFFER
D11
D0
+3.3V (D)
+5V (A)
AD6640
AIN
ENCODE
ENCODE
M/N PLL
SYNTHESIZER
LO
DRIVE
REF
IN
1900MHz
REFERENCE
CLOCK
65MHz
12
AD6620
(REF. FIG 27)
I & Q
DATA
CLK
ADSP-2181
NETWORK
CONTROLLER
INTERFACE
AIN
Figure 28. Simplified Wideband PCS Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com