Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6640ASTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD6640ASTZ
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640ASTZ Datasheet(HTML) 1 Page - Analog Devices

  AD6640ASTZ Datasheet HTML 1Page - Analog Devices AD6640ASTZ Datasheet HTML 2Page - Analog Devices AD6640ASTZ Datasheet HTML 3Page - Analog Devices AD6640ASTZ Datasheet HTML 4Page - Analog Devices AD6640ASTZ Datasheet HTML 5Page - Analog Devices AD6640ASTZ Datasheet HTML 6Page - Analog Devices AD6640ASTZ Datasheet HTML 7Page - Analog Devices AD6640ASTZ Datasheet HTML 8Page - Analog Devices AD6640ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
a
12-Bit, 65 MSPS
IF Sampling A/D Converter
FEATURES
65 MSPS Minimum Sample Rate
80 dB Spurious-Free Dynamic Range
IF Sampling to 70 MHz
710 mW Power Dissipation
Single 5 V Supply
On-Chip T/H and Reference
Twos Complement Output Format
3.3 V or 5 V CMOS Compatible Output Levels
APPLICATIONS
Cellular/PCS Base Stations
Multichannel, Multimode Receivers
GPS Anti-Jamming Receivers
Communications Receivers
Phased Array Receivers
FUNCTIONAL BLOCK DIAGRAM
ADC
A
TH3
DAC
ADC
TH2
BUF
TH1
MSB
LSB
D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
DIGITAL ERROR CORRECTION LOGIC
7
GND
6
AIN
AIN
VREF
ENCODE
ENCODE
2.4V
REFERENCE
INTERNAL
TIMING
AVCC
DVCC
AD6640
GENERAL DESCRIPTION
The AD6640 is a high speed, high performance, low power,
monolithic 12-bit analog-to-digital converter. All necessary
functions, including track-and-hold (T/H) and reference, are
included on-chip to provide a complete conversion solution.
The AD6640 runs on a single 5 V supply and provides CMOS
compatible digital outputs at 65 MSPS.
Specifically designed to address the needs of multichannel,
multimode receivers, the AD6640 maintains 80 dB spurious-
free dynamic range (SFDR) over a bandwidth of 25 MHz.
Noise performance is also exceptional: typical signal-to-noise
ratio is 68 dB.
The AD6640 is built on Analog Devices’ high speed complemen-
tary bipolar process (XFCB) and uses an innovative multipass
architecture. Units are packaged in a 44-lead plastic quad flatpack
(LQFP) specified from –40
°C to +85°C.
PRODUCT HIGHLIGHTS
1. Guaranteed sample rate is 65 MSPS.
2. Fully differential analog input stage specified for frequencies
up to 70 MHz; enables IF sampling.
3. Low power dissipation: 710 mW off a single 5 V supply.
4. Digital outputs may be run on 3.3 V supply for easy interface
to digital ASICs.
5. Complete solution: reference and track-and-hold.
6. Packaged in small, surface-mount 44-lead plastic LQFP.
AD6640
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD6640ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640AST AD-AD6640AST Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD6640AST AD-AD6640AST Datasheet
1Mb / 25P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
More results

Similar Description - AD6640ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV.0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
12-Bit, 65 MSPS A/D Converter
1998 06
logo
Texas Instruments
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD10226 AD-AD10226 Datasheet
976Kb / 20P
Dual-Channel, 12-Bit 125 MSPS IF Sampling A/D Converter
REV.0
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
Analog Devices
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com