Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62350ES Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP62350ES
Description  3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62350ES Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP62350ES Datasheet HTML 1Page - Monolithic Power Systems MP62350ES Datasheet HTML 2Page - Monolithic Power Systems MP62350ES Datasheet HTML 3Page - Monolithic Power Systems MP62350ES Datasheet HTML 4Page - Monolithic Power Systems MP62350ES Datasheet HTML 5Page - Monolithic Power Systems MP62350ES Datasheet HTML 6Page - Monolithic Power Systems MP62350ES Datasheet HTML 7Page - Monolithic Power Systems MP62350ES Datasheet HTML 8Page - Monolithic Power Systems MP62350ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP62350/MP62351 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62350/MP62351 Rev. 0.91
www.MonolithicPower.com
3
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(4)
VIN=5V, TA=+25°C, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
IN Voltage Range
2.7
5.5
V
Supply Current
One Channel Enabled, IOUT=0, One
Switch ON
90
120
μA
Supply Current
Both Channels Enabled, IOUT=0, Both
Switches ON
140
160
μA
Shutdown Current
Device Disable, VOUT=float, VIN=5.5V
1
μA
Off Switch Leakage
Device Disable, VIN=5.5V
1
μA
Current Limit
550
1100
mA
Trip Current
Current Ramp (slew rate≤100A/s) on
Output
1
1.4
A
Under-voltage Lockout
Rising Edge
1.95
2.65
V
Under-voltage Hysteresis
250
mV
FET On Resistance
IOUT=100mA ( -20°C≤TA≤85°C)
85
130
mΩ
EN Input Logic High Voltage
2
V
EN Input Logic Low Voltage
0.8
V
FLAG Output Logic Low Voltage
ISINK=5mA
0.4
V
FLAG Output High Leakage
Current
VIN=VFLAG=5.5V
1
μA
Thermal Shutdown
140
°C
Thermal Shutdown Hysteresis
20
°C
VIN=5.5V, CL=1uF, RL=11Ω
0.9
ms
VOUT Rising Time, Tr
(5)
VIN=2.7V, CL=1uF, RL=11Ω
1.7
ms
VIN=5.5V, CL=1uF, RL=11Ω
0.5
ms
VOUT Falling Time, Tf
(6)
VIN=2.7V, CL=1uF, RL=11Ω
0.5
ms
Turn On Time, Ton
(7)
CL=100μF, RL=11Ω
3
ms
Turn Off Time, Toff
(8)
CL=100μF, RL=11Ω
10
ms
Discharge Resistance
100
Ω
FLAG Deglitch Time
4
8
15
ms
ENx Input Leakage
1
μA
Reverse Leakage Current
OUTX=5.5V, IN=GND
0.2
μA
Notes:
4) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
5) Measured from 10% to 90%.
6) Measured from 90% to 10%.
7) Measured from (50%) EN signal to (90%) output signal.
8) Measured from (50%) EN signal to (10%) output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com