Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62350ES Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP62350ES
Description  3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62350ES Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP62350ES Datasheet HTML 1Page - Monolithic Power Systems MP62350ES Datasheet HTML 2Page - Monolithic Power Systems MP62350ES Datasheet HTML 3Page - Monolithic Power Systems MP62350ES Datasheet HTML 4Page - Monolithic Power Systems MP62350ES Datasheet HTML 5Page - Monolithic Power Systems MP62350ES Datasheet HTML 6Page - Monolithic Power Systems MP62350ES Datasheet HTML 7Page - Monolithic Power Systems MP62350ES Datasheet HTML 8Page - Monolithic Power Systems MP62350ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP62350/MP62351
3.3V/5V, Dual-Channel, 500mA
Current-Limited Power Distribution Switches
With Output Discharge
MP62350/MP62351 Rev. 0.91
www.MonolithicPower.com
1
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP62350/MP62351 Power Distribution
Switch features internal current limiting to
prevent damage to host devices due to faulty
load
conditions.
The
MP62350/MP62351
analog switch has 85mΩ on-resistance and
operates from 2.7V to 5.5V input. It is available
with guaranteed current limits, making it ideal
for
load
switching
applications.
The
MP62350/MP62351 has built-in protection for
both over current and increased thermal stress.
For over current, the device will limit the current
by changing to a constant current mode.
As the temperature increases as a result of
short circuit, then the device will shut off. The
device will recover once the device temperature
reduces to approx 120
°C.
The MP62350/MP62351 included a discharge
function that provides a resistive discharge path
for the external output capacitor when the part
is disabled.
The MP62350/MP62351 is available in 8-pin
MSOP and SOIC packages.
FEATURES
• 500mA Continuous Current
• Accurate Current Limit
• Output Discharge Function
• 2.7V to 5.5V Supply Range
• 140uA Quiescent Current
• 85mΩ MOSFET
• Thermal-Shutdown Protection
• Under-Voltage Lockout
• 8ms FLAG Deglitch Time
• No FLAG Glitch During Power Up
• Reverse Current Blocking
• Active High & Active Low Options
• UL Recognized: Pending
APPLICATIONS
• Smartphone and PDA
• Portable GPS Device
• Notebook PC
• Set-top-box
• Telecom and Network Systems
• PC Card Hot Swap
• USB Power Distribution
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
OUT2
MP62350
DUAL-CHANNEL
OUT1
6
7
1
4
3
5
8
2
+5V
To USB Controller
Output 1
Output 2
FLAG1
FLAG2
EN1
IN
GND
EN2


Similar Part No. - MP62350ES

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6231 MPS-MP6231 Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP6231DH MPS-MP6231DH Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP6231DN MPS-MP6231DN Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP6231DS MPS-MP6231DS Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP6232DH MPS-MP6232DH Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
More results

Similar Description - MP62350ES

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6231 MPS-MP6231 Datasheet
303Kb / 12P
3.3V/5V, Dual-Channel 500mA Current-Limited Power Distribution Switches
MP62055 MPS-MP62055 Datasheet
376Kb / 10P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62130 MPS-MP62130 Datasheet
420Kb / 12P
3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch with Output Discharge
MP62160 MPS-MP62160 Datasheet
360Kb / 12P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP62260-1 MPS-MP62260-1 Datasheet
297Kb / 11P
3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62340 MPS-MP62340 Datasheet
331Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches
MP62340-1 MPS-MP62340-1 Datasheet
378Kb / 12P
3.3V/5V, Dual-Channel 1A Current-Limited Power Distribution Switches with Output Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com