Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62350ES Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP62350ES
Description  3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62350ES Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP62350ES Datasheet HTML 4Page - Monolithic Power Systems MP62350ES Datasheet HTML 5Page - Monolithic Power Systems MP62350ES Datasheet HTML 6Page - Monolithic Power Systems MP62350ES Datasheet HTML 7Page - Monolithic Power Systems MP62350ES Datasheet HTML 8Page - Monolithic Power Systems MP62350ES Datasheet HTML 9Page - Monolithic Power Systems MP62350ES Datasheet HTML 10Page - Monolithic Power Systems MP62350ES Datasheet HTML 11Page - Monolithic Power Systems MP62350ES Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP62350/MP62351 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62350/MP62351 Rev. 0.91
www.MonolithicPower.com
9
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
DETAILED DESCRIPTION
Over Current
When the load exceeds trip current (minimum
threshold current triggering constant-current
mode) or a short is present, MP62350/MP62351
switches into to a constant-current mode (current
limit value). MP62350/MP62351 will be shutdown
only if the overcurrent condition stays long
enough to trigger thermal protection.
Trigger
overcurrent
protection
for
different
overload conditions occurring in applications:
1) The output has been shorted or overloaded
before the device is enabled or input applied.
MP62350/MP62351 detects the short or
overload and immediately switches into a
constant-current mode.
2) A short or an overload occurs after the device
is enabled. After the current-limit circuit has
been tripped (reached the trip current
threshold), the device switches into constant-
current mode. However, high current may
flow for a short period of time before the
current-limit circuit can react.
3) Output current has been gradually increased
beyond the recommended operating current.
The load current rises until the trip current
threshold is reached or until the thermal limit
of
the
device
is
exceeded.
The
MP62350/MP62351 is capable of delivering
current up to the trip current threshold without
damaging the device. Once the trip threshold
has been reached, the device switches into
its constant-current mode.
Flag Response
The FLAG pin is an open drain configuration.
This FAULT will report a fail mode after an 8ms
deglitch timeout. This is used to ensure that no
false fault signals are reported. This internal
deglitch circuit eliminates the need for extend
components. The FLAG pin is not deglitched
during an over temp. or a voltage lockout.
Thermal Protection
The purpose of thermal protection is to prevent
damage in the IC by allowing exceptive current to
flow
and
heating
the
junction.
The
die
temperature is internally monitored until the
thermal limit is reached. Once this temperature is
reached, the switch will turn off and allow the
chip to cool. The switch has a built-in hysteresis.
Under-voltage Lockout (UVLO)
This circuit is used to monitor the input voltage to
ensure that the MP62350/MP62351 is operating
correctly. This UVLO circuit also ensures that
there is no operation until the input voltage
reaches the minimum spec.
Enable
The logic pin disables the chip to reduce the
supply current. The device will operate once the
enable signal reaches the appropriate level. The
input is compatible with both COMS and TTL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com