Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP62350ES Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP62350ES
Description  3.3V/5V, Dual-Channel, 500mA Current-Limited Power Distribution Switches With Output Discharge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62350ES Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP62350ES Datasheet HTML 1Page - Monolithic Power Systems MP62350ES Datasheet HTML 2Page - Monolithic Power Systems MP62350ES Datasheet HTML 3Page - Monolithic Power Systems MP62350ES Datasheet HTML 4Page - Monolithic Power Systems MP62350ES Datasheet HTML 5Page - Monolithic Power Systems MP62350ES Datasheet HTML 6Page - Monolithic Power Systems MP62350ES Datasheet HTML 7Page - Monolithic Power Systems MP62350ES Datasheet HTML 8Page - Monolithic Power Systems MP62350ES Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP62350/MP62351 –CURRENT-LIMITED POWER DISTRIBUTION SWITCHES
MP62350/MP62351 Rev. 0.91
www.MonolithicPower.com
4
9/18/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
MP62350/MP62351
Pin#
Name
Description
1
EN1
Active Low: (MP62350), Active High: (MP62351)
2
FLAG1
IN-to-OUT1 Over-current, active-low output flag. Open-Drain.
3
FLAG2
IN-to-OUT2 Over-current, active-low output flag. Open-Drain.
4
EN2
Active Low: (MP62350), Active High: (MP62351)
5
OUT2
IN-to-OUT2 Power-Distribution Switch Output.
6
GND
Ground.
7
IN
Input Voltage. Accepts 2.7V to 5.5V input.
8
OUT1
IN-to-OUT1 Power-Distribution Switch Output
TYPICAL PERFORMANCE CHARACTERISTICS
TA = +25ºC, unless otherwise noted.
VI(ENX)
VI(ENX)
VO(OUTX)
OUTX
RL
CL
VO(OUTX)
VO(OUTX)
50%
50%
50%
50%
90%
90%
90%
90%
10%
10%
10%
10%
ton
tr
tf
ton
toff
toff
VOLTAGE WAVEFORMS
TEST CIRCUIT
Figure 1—Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com