Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C040 Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM27C040
Description  4 Megabit (512 K x 8-Bit) CMOS EPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C040 Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM27C040 Datasheet HTML 1Page - Advanced Micro Devices AM27C040 Datasheet HTML 2Page - Advanced Micro Devices AM27C040 Datasheet HTML 3Page - Advanced Micro Devices AM27C040 Datasheet HTML 4Page - Advanced Micro Devices AM27C040 Datasheet HTML 5Page - Advanced Micro Devices AM27C040 Datasheet HTML 6Page - Advanced Micro Devices AM27C040 Datasheet HTML 7Page - Advanced Micro Devices AM27C040 Datasheet HTML 8Page - Advanced Micro Devices AM27C040 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Am27C040
5
FI NAL
FUNCTIONAL DESCRIPTION
Device Erasure
In order to clear all locations of their programmed
contents, the device must be exposed to an ultraviolet
light source. A dosage of 15 W seconds/cm2 is required
to completely erase the device. This dosage can be ob-
tained by exposure to an ultraviolet lamp — wavelength
of 2537 Å — with intensity of 12,000 µW/cm2 for 15 to 20
minutes. The device should be directly under and about
one inch from the source and all filters should be re-
moved from the UV light source prior to erasure.
Note that all UV erasable devices will erase with light
sources having wavelengths shorter than 4000 Å, such
as fluorescent light and sunlight. Although the erasure
process happens over a much longer time period, ex-
posure to any light source should be prevented for
maximum system reliability. Simply cover the package
window with an opaque label or substance.
Device Programming
Upon delivery, or after each erasure, the device has
all of its bits in the “ONE”, or HIGH state. “ZEROs” are
loaded into the device through the programming pro-
cedure.
The programming mode is entered when 12.75 V
±
0.25 V is applied to the VPP pin, CE#/PGM# is at VIL
and OE# is at VIH .
For programming, the data to be programmed is ap-
plied 8 bits in parallel to the data output pins.
The flowchart in the EPROM Products Data Book, Pro-
gramming section (Section 5, Figure 5-1) shows AMD’s
Flashrite algorithm. The Flashrite algorithm reduces pro-
gramming time by using a 100 µs programming pulse
and by giving each address only as many pulses to reli-
ably program the data. After each pulse is applied to a
given address, the data in that address is verified. If the
data does not verify, additional pulses are given until it
verifies or the maximum pulses allowed is reached. This
process is repeated while sequencing through each ad-
dress of the device. This part of the algorithm is done at
VCC = 6.25 V to assure that each EPROM bit is pro-
grammed to a sufficiently high threshold voltage. After
the final address is completed, the entire EPROM mem-
ory is verified at VCC = VPP = 5.25 V.
Please refer to the EPROM Products Data Book, Sec-
tion 5 for the programming flow chart and characteris-
tics.
Program Inhibit
Programming different data to multiple devices in par-
allel is easily accomplished. Except for CE#/PGM#, all
like inputs of the devices may be common. A TTL
low-level program pulse applied to one device’s CE#/
PGM# input with VPP = 12.75 V ± 0.25 V will program
that particular device. A high-level CE#/PGM# input in-
hibits the other devices from being programmed.
Program Verify
A verification should be performed on the programmed
bits to determine that they were correctly programmed.
The verify should be performed with OE# at VIL, CE#/
PGM# at VIH, and VPP between 12.5 V and 13.0 V.
Auto Select Mode
The autoselect mode provides manufacturer and de-
vice identification through identifier codes on DQ0–
DQ7. This mode is primarily intended for programming
equipment to automatically match a device to be pro-
grammed with its corresponding programming algo-
rithm. This mode is functional in the 25
°C ± 5°C
ambient temperature range that is required when pro-
gramming the device.
To activate this mode, the programming equipment
must force VH on address line A9. Two identifier bytes
may then be sequenced from the device outputs by tog-
gling address line A0 from VIL to VIH (that is, changing
the address from 00h to 01h). All other address lines
must be held at VIL during the autoselect mode.
Byte 0 (A0 = VIL) represents the manufacturer code,
and Byte 1 (A0 = VIH), the device identifier code. Both
codes have odd parity, with DQ7 as the parity bit.
Read Mode
To obtain data at the device outputs, Chip Enable (CE#/
PGM#) and Output Enable (OE#) must be driven low.
CE#/PGM# controls the power to the device and is typ-
ically used to select the device. OE# enables the device
to output data, independent of device selection. Ad-
dresses must be stable for at least tACC–tOE. Refer to
the Switching Waveforms section for the timing dia-
gram.
Standby Mode
The device enters the CMOS standby mode when
CE#/PGM# is at VCC ± 0.3 V. Maximum VCC current is
reduced to 100 µA. The device enters the TTL-standby
mode when CE#/PGM# is at VIH. Maximum VCC cur-
rent is reduced to 1.0 mA. When in either standby
mode, the device places its outputs in a high-imped-
ance state, independent of the OE# input.
Output OR-Tieing
To accommodate multiple memory connections, a
two-line control function is provided to allow for:
s Low memory power dissipation, and
s Assurance that output bus contention will not occur
CE#/PGM# should be decoded and used as the pri-
mary device-selecting function, while OE# be made a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com