Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C040 Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM27C040
Description  4 Megabit (512 K x 8-Bit) CMOS EPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C040 Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM27C040 Datasheet HTML 5Page - Advanced Micro Devices AM27C040 Datasheet HTML 6Page - Advanced Micro Devices AM27C040 Datasheet HTML 7Page - Advanced Micro Devices AM27C040 Datasheet HTML 8Page - Advanced Micro Devices AM27C040 Datasheet HTML 9Page - Advanced Micro Devices AM27C040 Datasheet HTML 10Page - Advanced Micro Devices AM27C040 Datasheet HTML 11Page - Advanced Micro Devices AM27C040 Datasheet HTML 12Page - Advanced Micro Devices AM27C040 Datasheet HTML 13Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Am27C040
11
FI NAL
PHYSICAL DIMENSIONS
PD 032—32-Pin Plastic Dual In-Line Package (measured in inches)
PL 032—32-Pin Plastic Leaded Chip Carrier (measured in inches)
Pin 1 I.D.
1.640
1.670
.530
.580
.005 MIN
.045
.065
.090
.110
.140
.225
.120
.160
.016
.022
SEATING PLANE
.015
.060
16-038-S_AG
PD 032
EC75
5-28-97 lv
32
17
16
.630
.700
0
°
10
°
.600
.625
.009
.015
.050 REF.
.026
.032
TOP VIEW
Pin 1 I.D.
.485
.495
.447
.453
.585
.595
.547
.553
16-038FPO-5
PL 032
DA79
6-28-94 ae
SIDE VIEW
SEATING
PLANE
.125
.140
.009
.015
.080
.095
.042
.056
.013
.021
.400
REF.
.490
.530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com