Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C040 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM27C040
Description  4 Megabit (512 K x 8-Bit) CMOS EPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C040 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM27C040 Datasheet HTML 1Page - Advanced Micro Devices AM27C040 Datasheet HTML 2Page - Advanced Micro Devices AM27C040 Datasheet HTML 3Page - Advanced Micro Devices AM27C040 Datasheet HTML 4Page - Advanced Micro Devices AM27C040 Datasheet HTML 5Page - Advanced Micro Devices AM27C040 Datasheet HTML 6Page - Advanced Micro Devices AM27C040 Datasheet HTML 7Page - Advanced Micro Devices AM27C040 Datasheet HTML 8Page - Advanced Micro Devices AM27C040 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FINAL
Publication# 14971
Rev: G Amendment/0
Issue Date: May 1998
Am27C040
4 Megabit (512 K x 8-Bit) CMOS EPROM
DISTINCTIVE CHARACTERISTICS
s Fast access time
— Available in speed options as fast as 90 ns
s Low power consumption
— <10 µA typical CMOS standby current
s JEDEC-approved pinout
— Plug-in upgrade for 1 Mbit and 2 Mbit EPROMs
— Easy upgrade from 28-pin JEDEC EPROMs
s Single +5 V power supply
s
±10% power supply tolerance standard
s 100% Flashrite™ programming
— Typical programming time of 1 minute
s Latch-up protected to 100 mA from –1 V to
VCC + 1 V
s High noise immunity
s Compact 32-pin DIP, PDIP, PLCC packages
GENERAL DESCRIPTION
The Am27C040 is a 4 Mbit ultraviolet erasable pro-
grammable read-only memory. It is organized as 512K
bytes, operates from a single +5 V supply, has a static
standby mode, and features fast single address loca-
tion programming. The device is available in windowed
ceramic DIP packages and plastic one-time program-
mable (OTP) packages.
Data can be typically accessed in less than 90 ns, al-
lowing high-performance microprocessors to operate
without any WAIT states. The device offers separate
Output Enable (OE#) and Chip Enable (CE#) controls,
thus eliminating bus contention in a multiple bus micro-
processor system.
AMD’s CMOS process technology provides high
speed, low power, and high noise immunity. Typical
power consumption is only 100 mW in active mode,
and 50 µW in standby mode.
All signals are TTL levels, including programming sig-
nals. Bit locations may be programmed singly, in
blocks, or at random. The device supports AMD’s
Flashrite programming algorithm (100 µs pulses) re-
sulting in typical programming time of 1 minute.
BLOCK DIAGRAM
14971G-1
A0–A18
Address
Inputs
CE#/PGM#
OE#
VCC
VSS
VPP
Data Outputs
DQ0–DQ7
Output
Buffers
Y
Gating
4,194,304-Bit
Cell Matrix
X
Decoder
Y
Decoder
Output Enable
Chip Enable
and
Prog Logic


Similar Part No. - AM27C040

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C040 AMD-AM27C040 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C040-120 AMD-AM27C040-120 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C040-150 AMD-AM27C040-150 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C040-200 AMD-AM27C040-200 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C040-90 AMD-AM27C040-90 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
More results

Similar Description - AM27C040

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27X040 AMD-AM27X040 Datasheet
132Kb / 10P
4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com