Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM27C040 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM27C040
Description  4 Megabit (512 K x 8-Bit) CMOS EPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C040 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM27C040 Datasheet HTML 5Page - Advanced Micro Devices AM27C040 Datasheet HTML 6Page - Advanced Micro Devices AM27C040 Datasheet HTML 7Page - Advanced Micro Devices AM27C040 Datasheet HTML 8Page - Advanced Micro Devices AM27C040 Datasheet HTML 9Page - Advanced Micro Devices AM27C040 Datasheet HTML 10Page - Advanced Micro Devices AM27C040 Datasheet HTML 11Page - Advanced Micro Devices AM27C040 Datasheet HTML 12Page - Advanced Micro Devices AM27C040 Datasheet HTML 13Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Am27C040
13
FI NAL
Operating Ranges:
Changed Supply Read Voltages listings to match those
in the Product Selector Guide.
AC Characteristics:
Added -90 and deleted -100 speed options in table, re-
arranged notes, moved text from table title to Note 4,
renamed table.
Revision F
Deleted -255 speed option.
Changed all active low signal designations from over-
bars or trailing “#”s.
Revision G
Global
Made formatting and layout consistent with other data
sheets. Used updated common tables and diagrams.
Distinctive Characteristics:
Low Power Consumption: Changed “100 µA maximum”
to “<10 µA typical”.
TSOP package deleted.
General Description:
In the third paragraph, changed “100 µW in standby
mode” to 50 µW in standby mode”.
Connection Diagrams:
Deleted TSOP Pinout figure.
Pin Designations:
Changed “Chip Enable Input” to “Chip Enable/Program
Enable Input”.
Ordering Information:
UV EPROM Products: Changed -75 speed option to
-90.
OTP EPROM Products: Changed -75 speed option to
-90.
Temperature Range: Added “E = Extended (–55
°C to
125
°C)”.
Package Type: Deleted “E = 32-pin Thin Small Outline
Package (TSOP) Standard Pinout (TS 032)”.
Valid Combinations: Deleted EC and EI options.
Functional Description:
Replaced device specific text with generic text.
Test Conditions:
New section with Test Setup Figure and Test Specifica-
tions Table.
Switching Test Waveform:
Modified figure.
Operating Ranges:
Supply Read Voltages: Replaced with generic data.
DC Characteristics:
Modified Figures 1 and 2.
Switching Waveform:
Corrected “DF” to “tDF” in Note 2.
Package Capacitance:
Deleted TSOP data.
Physical Dimensions:
New section, added figures for the 32-Pin Ceramic DIP,
32-Pin Plastic DIP, and 32-Pin Plastic Leaded Chip
Carrier.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Flashrite is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com