Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC14000 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC14000
Description  28-Pin Programmable Mixed Signal Controller
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC14000 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC14000 Datasheet HTML 45Page - Microchip Technology PIC14000 Datasheet HTML 46Page - Microchip Technology PIC14000 Datasheet HTML 47Page - Microchip Technology PIC14000 Datasheet HTML 48Page - Microchip Technology PIC14000 Datasheet HTML 49Page - Microchip Technology PIC14000 Datasheet HTML 50Page - Microchip Technology PIC14000 Datasheet HTML 51Page - Microchip Technology PIC14000 Datasheet HTML 52Page - Microchip Technology PIC14000 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 153 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40122B-page 49
PIC14000
7.5.1
SLAVE MODE
In slave mode, the SCLx and SDAx pins must be
configured as inputs (TRISC<7:6> or TRISD<1:0> are
set). The I2C module will override the input state with
the output data when required (slave-transmitter).
When an address is matched or the data transfer from
an
address
match
is
received,
the
hardware
automatically will generate the acknowledge (ACK)
pulse, and then load the I2CBUF with the received
value in the I2CSR.
There are two conditions that will cause the I2C module
not to give this ACK pulse. These are if either (or both)
occur:
• the Buffer Full (BF), I2CSTAT<0>, bit was set
before the transfer was received, or
• the Overflow (I2COV), I2CCON<6> bit was set
before the transfer was received.
In this case, the I2CSR value is not loaded into the
I2CBUF, but the I2CIF bit is set. Table 7-2 shows what
happens when a data transfer byte is received, given
the status of the BF and I2COV bits. The shaded boxes
show the conditions where user software did not
properly clear the overflow condition. The BF flag is
cleared by reading the I2CBUF register while the
I2COV bit is cleared through software.
The SCL clock input must have a minimum high and
low for proper operation. The high and low times of the
I2C specification as well as the requirement of the I2C
module is shown in the AC timing specifications.
TABLE 7-2:
DATA TRANSFER RECEIVED BYTE ACTIONS
Status Bits as Data Transfer
is Received
BF
I2COV
I2CSR-> I2CBUF
Generate ACK Pulse
Set I2CIF bit
(I2C interrupt if enabled)
0
0
Yes
Yes
Yes
1
0
No
No
Yes
1
1
No
No
Yes
0
1
No
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com